M5R65RP-R
AI

The **M5R65RP-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are foundational in modern power management circuits, particularly for voltage regulation.
---
## 1. Component Overview
The alphanumeric code "M5R65RP-R" describes the physical and electrical characteristics of the inductor. While specific manufacturers (like Eaton/Coiltronics or Vishay) may have slight variations, the general specifications are as follows:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fixed Inductor (Power) |
| **Inductance Value** | 0.65 µH (Microhenries) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Powdered Iron or Ferrite |
| **Packaging** | Tape & Reel (indicated by the "-R") |
---
## 2. Key Technical Attributes
### A. Inductance (0.65 µH)
The "R65" in the part number represents the decimal point for the inductance value. In this case, **0.65 µH**. This is a relatively low inductance value, which suggests the component is designed for **high-frequency switching** power supplies.
### B. Current Rating (Saturation & RMS)
Power inductors of this size are designed to handle high currents.
* **Isat (Saturation Current):** The level of DC current that causes the inductance to drop (usually by 20-30%).
* **Irms (Heating Current):** The continuous current that causes a specific temperature rise (usually 40°C) in the component.
### C. Construction & Shielding
Most parts in this series are **magnetically shielded**. This is critical for:
* Reducing Electromagnetic Interference (EMI).
* Preventing the magnetic field of the inductor from interfering with nearby sensitive components on the PCB.
---
## 3. Common Applications
The M5R65RP-R is most commonly found in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**.
1. **Computing:** Motherboards, Graphics Cards (GPU power phases), and Servers.
2. **Telecommunications:** Network switches and base stations.
3. **Consumer Electronics:** High-end laptops and gaming consoles where high efficiency and low profile are required.
---
## 4. Typical Footprint (Dimensions)
While exact dimensions depend on the "M5" series designation from the specific manufacturer, these parts generally follow a standard metric or imperial footprint (e.g., 5mm x 5mm or 7mm x 7mm). They are designed for automated pick-and-place assembly.
---
- ⤷
What is the maximum current rating (Amps) for the M5R65RP-R?
- ⤷ Which manufacturers produce equivalents for this specific inductor?
- ⤷ How do I test if this inductor is functioning correctly on a PCB?