M5R68XLJ-R
AI

The **M5R68XLJ-R** refers to a high-current, surface-mount power inductor, typically manufactured by companies like **Coilcraft** or specialized magnetic component suppliers. These parts are critical in power management circuits for energy storage and filtering.
---
### 1. Part Number Breakdown
While specific prefixes vary by manufacturer, the nomenclature generally follows this logic:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **M5** | Series/Size | Refers to the physical footprint and height profile. |
| **R68** | Inductance Value | **0.68 µH** (R denotes the decimal point). |
| **X** | Tolerance | Typically ±20% (Standard for power inductors). |
| **LJ** | Core Material/Rating | Indicates high-saturation core material (often composite iron powder). |
| **R** | Packaging | Tape and Reel for automated SMT assembly. |
---
### 2. Technical Specifications
Inductors of this class are designed for high-frequency DC-DC converters. Below are the typical estimated specifications for this part:
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **DC Resistance (DCR)** | Very Low (typically 1.0mΩ – 3.0mΩ) |
| **Saturation Current ($I_{sat}$)** | High (often 20A – 40A depending on size) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically shielded (to reduce EMI) |
---
### 3. Key Electronic Functions
The M5R68XLJ-R serves three primary roles in an electronic circuit:
1. **Energy Storage:** In a **Buck Converter** (Step-down), it stores energy in its magnetic field when the switch is ON and releases it to the load when the switch is OFF.
2. **Current Ripple Smoothing:** It resists sudden changes in current, converting a pulsating square wave into a smooth DC output.
3. **EMI Suppression:** Because it is shielded, it prevents electromagnetic interference from affecting neighboring sensitive components on the PCB.
### 4. Common Applications
* **Voltage Regulator Modules (VRMs):** Found on PC motherboards and servers to power CPUs/GPUs.
* **Battery Powered Devices:** High-efficiency power stages in laptops or tablets.
* **Automotive Electronics:** Infotainment systems and ADAS modules requiring stable power.
---
### 5. Code Example: Calculating Voltage Drop
If you are designing a circuit with this inductor, you can calculate the DC voltage drop across it using Ohm's Law ($V = I \times DCR$):
```python
# Simple Python snippet to calculate Inductor Voltage Drop
def calculate_voltage_drop(current_amps, dcr_ohms):
v_drop = current_amps * dcr_ohms
return f"Voltage Drop: {v_drop:.4f} Volts"
# Example: 15A load with a 2.5mOhm DCR
print(calculate_voltage_drop(15, 0.0025))
```
- ⤷What are the equivalent alternatives for the M5R68XLJ-R?
- ⤷ How does core saturation impact the performance of this inductor?
- ⤷ What is the physical footprint size (e.g.
- ⤷ 5050 or 7070) for the M5 series?