M5R74XHJ-R
AI

The **M5R74XHJ-R** belongs to a specialized category of electronic components, typically identifying as a **Crystal Oscillator** or a high-precision frequency control device. These parts are fundamental in timing circuits, ensuring that microprocessors and communication buses operate at a synchronized pace.
---
## 1. Technical Specifications
While specific datasheets can vary by manufacturer (often associated with brands like **Hosonic** or **EPSON**), the nomenclature generally follows this structure:
| Parameter | Typical Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | SMD Crystal Oscillator | Surface-mount design for compact PCBs. |
| **Frequency** | Factory Defined (e.g., 25MHz) | The specific oscillation rate required by the CPU. |
| **Supply Voltage** | 1.8V to 3.3V | Standard operating range for low-power electronics. |
| **Output Type** | CMOS / TTL | The logic level of the output square wave. |
| **Package Size** | 7.0 x 5.0 mm (approx) | Standardized dimensions for pick-and-place machines. |
| **Stability** | ±20ppm to ±50ppm | Accuracy across temperature variations. |
---
## 2. Key Internal Components
An electronic part like the M5R74XHJ-R is not a single piece of material but an assembly:
1. **Quartz Crystal Blank:** A thin slice of quartz that vibrates at a specific frequency when an electric field is applied (Piezoelectric effect).
2. **IC Controller:** A small integrated circuit inside the metal can that provides the gain needed to sustain oscillation and regulates the output waveform.
3. **Electrodes:** Gold or silver plated surfaces that connect the quartz to the internal circuitry.
4. **Hermetic Seal:** The metal casing is vacuum-sealed or filled with nitrogen to prevent moisture from affecting the frequency.
---
## 3. Function and Application
The primary role of this part is to act as the "heartbeat" of a digital system.
### Common Uses:
* **Networking Hardware:** Providing the clock signal for Ethernet controllers and Routers.
* **Industrial PCs:** Timing for embedded systems where high thermal stability is required.
* **Consumer Electronics:** Maintaining synchronization in audio/video processing units.
### Wiring Configuration (Standard 4-Pin):
```text
Pin 1: Standby / Tri-state (Enable/Disable)
Pin 2: Ground (GND)
Pin 3: Output (Frequency Signal)
Pin 4: Supply Voltage (Vcc)
```
---
## 4. Maintenance and Troubleshooting
If a device fails to boot or experiences data corruption, the M5R74XHJ-R may be at fault.
* **Thermal Stress:** Excessive heat during soldering can shift the frequency permanently.
* **Testing:** Use an **Oscilloscope** to check for a clean square wave on Pin 3. A multimeter will usually fail to capture the high-frequency oscillation.
- ⤷
What is the exact operating frequency of the M5R74XHJ-R?
- ⤷ Which manufacturers produce equivalents for this specific part number?
- ⤷ How do I interpret the 'R' suffix in the part nomenclature?