M5R75RLJ-R
AI

The **M5R75RLJ-R** is a specific electronic component, typically categorized as a **High-Power Wirewound Resistor** (often referred to as a "Cement Resistor" due to its ceramic housing). This part is designed to handle significant power dissipation while maintaining a stable resistance.
---
### 1. Part Number Breakdown
The nomenclature usually follows specific manufacturing standards (common in brands like Royal Ohm or Ohmite):
| Segment | Interpretation | Description |
| :--- | :--- | :--- |
| **M5** | Power Rating | Typically indicates a **5 Watt** power capacity. |
| **R75** | Resistance Value | The 'R' acts as a decimal point. This is **0.75 Ohms (Ω)**. |
| **L** / **J** | Tolerance | 'J' usually represents a **±5%** tolerance range. |
| **R** | Packaging/Type | Often indicates "RoHS Compliant" or a specific Lead-free coating. |
---
### 2. Technical Specifications
Based on the standard parameters for this series of power resistors:
* **Resistance:** 0.75 Ω (low resistance, high current flow).
* **Power Rating:** 5 Watts (at 70°C ambient temperature).
* **Dielectric Strength:** Usually 1000V AC.
* **Operating Temperature:** -55°C to +155°C (extended range for industrial use).
* **Construction:**
* **Core:** High-grade Alumina ceramic.
* **Element:** Copper-nickel or Manganese-copper alloy wire.
* **Casing:** Non-flammable ceramic (cement) filled with silica sand for heat dissipation.
---
### 3. Key Applications
Because of its low resistance and high power handling, the M5R75RLJ-R is used in:
1. **Current Sensing:** Used as a shunt to measure current by monitoring the voltage drop across the 0.75Ω resistance.
2. **Inrush Current Limiting:** Protecting sensitive circuits (like power supplies) from sudden surges when first powered on.
3. **Bleeder Resistors:** Discharging high-voltage capacitors in power tools or appliances for safety.
4. **Audio Circuits:** Used in crossover networks for speakers to manage power distribution.
---
### 4. Installation Considerations
```cpp
// Safety Check: Power Dissipation (P = I² * R)
// If 2 Amps flow through this resistor:
// P = (2^2) * 0.75 = 3 Watts.
// Since the resistor is rated for 5W, it will operate safely but will be HOT.
```
* **Heat Dissipation:** These components get very hot. Ensure they are mounted away from heat-sensitive parts (like electrolytic capacitors).
* **Lead Bending:** When bending the leads for PCB insertion, keep a minimum distance of 3mm from the ceramic body to avoid cracking the seal.
- ⤷
What are the cooling requirements for a 5W cement resistor under full load?
- ⤷ Can this resistor be used in high-frequency AC applications?
- ⤷ What are the common failure modes for wirewound resistors?