AI

The **M5R75XHJ-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)** power inductor. These components are critical in power management circuits for filtering and energy storage.
---
### 1. Key Technical Specifications
Based on standard nomenclature for this series, here are the likely technical parameters:
| Parameter | Estimated Value/Description |
| :--- | :--- |
| **Inductance** | 7.5 µH (indicated by "75X") |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Construction** | Shielded Magnetic Core |
| **Tolerance** | Usually ±20% |
| **Application** | DC-DC Converters, Power Supplies |
### 2. Physical Characteristics
The part is designed for automated assembly. Key physical attributes include:
* **Shielded Design:** The "HJ" or similar suffixes often denote a shielded construction, which minimizes Electromagnetic Interference (EMI) with surrounding components.
* **RoHS Compliant:** The "-R" suffix typically signifies that the part is lead-free and complies with **RoHS** (Restriction of Hazardous Substances) standards.
* **Compact Footprint:** Designed for high-density PCB layouts, commonly found in laptops, servers, and telecommunications equipment.
### 3. Role in Electronic Circuits
The M5R75XHJ-R functions primarily in the following ways:
1. **Energy Storage:** In a switching regulator, it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle.
2. **Ripple Filtering:** It smoothes out the current fluctuations (ripple) from the output of a power supply to provide clean DC voltage to sensitive components like CPUs or GPUs.
3. **Noise Suppression:** Acts as a low-pass filter to prevent high-frequency noise from traveling through the circuit.
### 4. Common Failure Modes
Like most power inductors, this part may fail due to:
* **Saturation:** If the current exceeds the rated limit, the inductance drops sharply, leading to circuit inefficiency or overheating.
* **Thermal Stress:** Excessive heat can degrade the insulation of the copper windings or crack the ferrite core.
---
- ⤷
What is the maximum current rating (Isat) for the M5R75XHJ-R?
- ⤷ Can this inductor be used in high-frequency automotive applications?
- ⤷ What are the recommended soldering temperature profiles for this SMD part?