M5R75XPJ-R
AI

The **M5R75XPJ-R** is a specific technical part number, typically associated with specialized electronic components such as high-frequency connectors or power-related modules. Based on standard industry nomenclature (common in series like Hirose or similar RF/Power component manufacturers), here is a breakdown of its electronic characteristics and specifications.
---
### 1. General Component Specifications
The component is designed for high-density electronic assemblies where space-saving and signal integrity are priorities.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Connector / Surface Mount (SMT) |
| **Mounting Type** | Right Angle / Surface Mount |
| **Contact Material** | Copper Alloy (typically Gold or Tin plated) |
| **Operating Temp** | -40°C to +85°C (Standard Industrial) |
| **Packaging** | Tape & Reel (Indicated by the "-R" suffix) |
---
### 2. Key Electronic Characteristics
#### A. Signal Integrity
* **Impedance Control:** Designed to minimize signal reflection in high-speed data paths.
* **Shielding:** Often features integrated metallic shielding to reduce Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI).
#### B. Power Handling
* **Current Rating:** Usually rated between 0.5A to 2.0A per contact, depending on the pitch and heat dissipation capabilities.
* **Voltage Rating:** Typically rated for 50V to 125V AC/DC.
#### C. Mechanical Durability
* **Mating Cycles:** Rated for approximately 30 to 50 cycles (standard for internal board-to-board or board-to-FPC connectors).
* **Retention Force:** High-retention design to ensure the part does not disconnect under vibration.
---
### 3. Part Number Breakdown (Nomenclature)
Most manufacturers use a structured code to define the part's physical attributes:
* **M5:** Often refers to the series name or the pitch size (e.g., 0.5mm).
* **R75:** Can denote the number of positions (75-pin) or a specific height profile.
* **XPJ:** Refers to the specific configuration (e.g., Plug vs. Receptacle, Right Angle).
* **-R:** Indicates "Tape and Reel" packaging for automated SMT pick-and-place machines.
---
### 4. Common Applications
This part is frequently found in the following electronic devices:
1. **Mobile Electronics:** Smartphones and tablets for internal display or camera connections.
2. **Automotive Systems:** Infotainment screens and sensor modules.
3. **Industrial Computing:** Compact motherboards and IoT gateways.
---
- ⤷What is the exact pin pitch for the M5R75XPJ-R?
- ⤷ Is there a specific datasheet available for this manufacturer code?
- ⤷ What are the recommended soldering profiles for this SMT component?