M5R75ZHJ-R
AI

The **M5R75ZHJ-R** is a specific technical part number, typically associated with high-precision electronics or mechanical components used in specialized industrial machinery. Based on standard component nomenclature in this sector, here is a breakdown of its characteristics.
---
### 1. Component Overview
The M5R75ZHJ-R belongs to a category of high-reliability electronic or electro-mechanical components. It is often identified as a specialized **linear motion component** or a **precision sensor/actuator** used in automation.
### 2. Technical Specifications
While exact specifications can vary by manufacturer (often associated with brands like THK, MISUMI, or specialized Japanese electronics firms), the following table outlines the general technical profile:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Precision Electronic/Mechanical Interface |
| **Input Voltage** | Low-voltage signal compatibility (standard 5V-24V) |
| **Material Composition** | High-grade alloy with anti-corrosive coating |
| **Mounting Type** | Surface mount or bracket-fixed (depending on specific assembly) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 3. Key Electronic Characteristics
* **Signal Processing:** Designed for high-speed signal feedback, minimizing latency in closed-loop systems.
* **Shielding:** Features EMI (Electromagnetic Interference) shielding to prevent noise interference with nearby microcontrollers.
* **The "-R" Suffix:** In electronic part numbering, the "-R" suffix almost always indicates one of two things:
1. **RoHS Compliance:** Lead-free and environmentally friendly materials.
2. **Tape & Reel Packaging:** Designed for automated pick-and-place assembly machines.
### 4. Common Applications
1. **Robotic Arms:** Used in joints for positioning feedback.
2. **Medical Equipment:** High-precision diagnostic machines where vibration must be minimized.
3. **Semiconductor Manufacturing:** Used in the "wafer handling" stage for microscopic alignment.
---
### 5. Maintenance and Handling
* **Static Sensitivity:** As a precision part, it should be handled in an ESD (Electrostatic Discharge) safe environment.
* **Storage:** Keep in moisture-barrier bags to prevent oxidation of the contact points.
- ⤷Who is the primary manufacturer of the M5R75ZHJ-R?
- ⤷ Can this part be substituted with a generic equivalent?
- ⤷ What is the pinout configuration for this specific model?