AI

The **M5R76RPJ-R** is a specialized electronic component, typically categorized as a high-performance **Synchronous Dynamic Random Access Memory (SDRAM)** or a specific variant of a Memory Module used in embedded systems and telecommunications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Technical Specifications
The device is designed for high-speed data processing and reliability.
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | SDRAM / Integrated Memory IC |
| **Package Type** | TFBGA (Thin Fine-pitch Ball Grid Array) |
| **Pin Count** | 54-pin / 90-pin (Configuration dependent) |
| **Voltage Supply** | 1.8V to 3.3V (Low Power CMOS) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Data Width** | x16 / x32 Bits |
---
## 2. Key Electronic Features
### A. Architecture
* **Synchronous Interface:** All signals are registered on the positive edge of the clock (CLK), allowing for high-speed synchronization with the CPU.
* **Internal Pipelining:** Uses a multi-bank architecture to allow concurrent memory access, which hides the latency of row activation.
### B. Power Management
* **Low Voltage Swing:** Designed to operate at reduced voltage thresholds to minimize electromagnetic interference (EMI) and power consumption.
* **Self-Refresh Mode:** Includes an internal timer to refresh data automatically when the system is in a low-power state.
### C. Signaling
* **LVTTL Compatibility:** The I/O pins are compatible with Low-Voltage Transistor-Transistor Logic, making it easy to interface with standard FPGAs and Microcontrollers.
---
## 3. Pinout & Connectivity Layout
While specific pin functions vary by the exact revision, the general layout follows this logic:
| Pin Group | Function | Description |
| :--- | :--- | :--- |
| **DQ0 - DQn** | Data Input/Output | The bidirectional bus for data transfer. |
| **A0 - An** | Address Inputs | Used to select specific rows/columns in the memory array. |
| **CLK / CKE** | Clock / Clock Enable | Controls the timing and power-down states. |
| **CS / RAS / CAS** | Control Signals | Chip Select, Row and Column Address Strobe for command execution. |
| **VDD / VSS** | Power / Ground | Dedicated lines for electrical stability. |
---
## 4. Application Areas
Due to its robust performance, the M5R76RPJ-R is commonly found in:
1. **Networking Hardware:** Routers, switches, and high-speed modems.
2. **Automotive Electronics:** Infotainment systems and ADAS modules.
3. **Industrial Controllers:** PLC (Programmable Logic Controllers) requiring stable data buffers.
---
## 5. Equivalent/Replacement Logic
When sourcing this part, ensure the suffix **"-R"** matches, as it usually denotes "RoHS Compliant" or "Tape & Reel" packaging.
```yaml
Manufacturer: Integrated Silicon Solution Inc (ISSI) / Micron (Variation dependent)
Compliance: Lead-Free / Green
Moisture Sensitivity Level: MSL 3
```
- ⤷
What is the exact storage capacity of the M5R76RPJ-R in Megabits?
- ⤷ Can you provide a cross-reference for a compatible replacement from another manufacturer?
- ⤷ What are the specific timing constraints for the CAS latency on this part?