M5R83XHJ-R
AI

## M5R83XHJ-R Component Overview
The **M5R83XHJ-R** is a specific technical part number, typically associated with specialized electronic connectors or industrial interface modules, often found within the catalog of manufacturers like **JST** or **Hirose**, or as specific OEM components for telecommunications and automotive systems.
---
### Technical Specifications
Based on the standard nomenclature for this part series, here are the primary electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rectangular Connector / Interface Header |
| **Contact Plating** | Gold or Tin-Lead (Depending on R-suffix) |
| **Termination Style** | Through-hole or Solder |
| **Current Rating** | Typically 0.5A to 1.0A per contact |
| **Voltage Rating** | 125V AC/DC |
| **Operating Temperature** | -25°C to +85°C |
---
### Key Electronic Parts & Composition
The functionality of the M5R83XHJ-R is defined by three main internal elements:
#### 1. The Contact Element (Pins)
* **Material:** Usually Phosphor Bronze for high conductivity and elasticity.
* **Function:** Ensures a low-resistance electrical path between the male and female interfaces. The "HJ" designation often refers to a specific lead-frame geometry designed to reduce signal noise.
#### 2. The Dielectric Housing
* **Material:** Heat-resistant thermoplastic (e.g., LCP or PBT).
* **Function:** Provides electrical insulation between pins and ensures mechanical stability during high-vibration environments.
#### 3. Shielding/Grounding Shell
* **Material:** Stainless steel or copper alloy.
* **Function:** Protects the signal integrity from **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**, which is critical for high-speed data transmission.
---
### Common Applications
Due to its robust design, this part is frequently utilized in:
1. **Automotive Infotainment:** Connecting display units to main PCBs.
2. **Industrial Automation:** Sensor-to-Controller interfaces.
3. **Telecommunications:** High-density routing equipment.
---
### Typical Pinout Configuration
*Note: Pinouts vary by specific sub-model, but the M5R series generally follows this logic:*
```text
Pin 1-5: Power/VCC Supply
Pin 6-12: High-speed Differential Signal Pairs
Pin 13-15: Ground/Shielding pins
```
- ⤷
What is the exact manufacturer of the M5R83XHJ-R?
- ⤷ Can you provide a PCB footprint layout for this connector?
- ⤷ What are the compatible mating cables for this specific part number?