M5R83XL-R
AI

The **M5R83XL-R** is a specific electronic component, typically categorized as a high-performance **Synchronous Buck Regulator** or a power management module. These parts are designed to convert a higher DC voltage to a lower, stable DC voltage with high efficiency, often used in telecommunications, networking, and industrial computing.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | DC-DC Step-Down (Buck) Regulator |
| **Input Voltage Range** | Usually 4.5V to 14V (Standard for 12V rails) |
| **Output Voltage** | Adjustable (often 0.6V to 5.0V) |
| **Continuous Current** | High-density output (often 10A - 30A depending on variant) |
| **Switching Frequency** | Programmable (typically 300kHz to 1.5MHz) |
| **Package Type** | QFN or LGA (Land Grid Array) for thermal efficiency |
---
### 2. Core Electronic Components & Features
The M5R83XL-R integrates several internal parts to provide a complete power solution:
* **Integrated Power MOSFETs:** It contains high-side and low-side power transistors with low $R_{DS(on)}$ to minimize heat loss during high-current switching.
* **PWM Controller:** A sophisticated pulse-width modulation engine that regulates output voltage based on load demands.
* **Protection Circuitry:**
* **OCP (Over-Current Protection):** Shuts down or limits current if a short circuit occurs.
* **OTP (Over-Temperature Protection):** Thermal shutdown if the junction temperature exceeds safety limits (usually 150°C).
* **UVLO (Under-Voltage Lockout):** Ensures the chip doesn't start until the input voltage is high enough for stable operation.
* **Soft-Start Mechanism:** Gradually increases the output voltage during power-up to prevent massive inrush currents that could damage the system.
---
### 3. Application Circuit Example
To function, the M5R83XL-R requires specific external passive components. Below is a representation of the typical setup:
```markdown
[Input Vin] --- [Input Caps] --- [ M5R83XL-R ] --- [Inductor] --- [Output Vout]
| |
[Feedback] [Output Caps]
[Network ] |
| [Ground]
[Ground]
```
### 4. Thermal & PCB Design
Due to the high current density, the "XL-R" suffix often indicates specific thermal enhancements or RoHS compliance (Lead-Free).
* **Exposed Pad:** The bottom of the chip usually features a large metal pad that must be soldered to a PCB copper plane to act as a heat sink.
* **Inductor Selection:** Requires a high-Q, low-DCR (DC Resistance) inductor to maintain the efficiency ratings of the module.
---
- ⤷What is the maximum output current supported by the M5R83XL-R?
- ⤷ Is the M5R83XL-R pin-compatible with other regulators in the M5 series?
- ⤷ What are the recommended values for the external output inductor?