M5R83ZHJ-R
AI

The part number **M5R83ZHJ-R** refers to a specific type of **Tactile Switch** (commonly known as a tact switch or push-button switch). These are mechanical switches that provide physical feedback (a "click") to the user when pressed.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Tactile Switch |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Operating Force** | Typically ranges from 160gf to 250gf (grams-force) |
| **Contact Arrangement** | SPST - NO (Single Pole Single Throw - Normally Open) |
| **Actuator Style** | Round Button |
| **Termination** | Gull-wing or J-bend leads for PCB soldering |
### 2. Key Technical Parameters
* **Voltage/Current Rating:** Usually rated for low power signals, typically **12V DC at 50mA**.
* **Contact Resistance:** Very low, often **<100mΩ** initially.
* **Insulation Resistance:** Typically **>100MΩ** at 100V DC.
* **Dielectric Strength:** Capable of withstanding **250V AC** for 1 minute.
* **Travel Distance:** Short stroke, usually between **0.25mm and 0.35mm**.
* **Operating Life:** High durability, often rated for **100,000 to 500,000 cycles**.
### 3. Physical Construction
The part is designed for automated assembly processes. The "-R" suffix usually denotes **Tape and Reel** packaging, which is standard for high-speed pick-and-place machines.
* **Housing:** High-temperature thermoplastic (to withstand reflow soldering).
* **Contact Dome:** Stainless steel or phosphor bronze with silver plating for high conductivity.
* **Terminals:** Brass with silver or gold plating to prevent oxidation and ensure easy soldering.
### 4. Typical Applications
These switches are ubiquitous in modern electronics due to their small footprint and reliability:
1. **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets.
2. **Home Appliances:** Control panels for microwaves, washing machines, and coffee makers.
3. **Industrial:** Reset buttons on PCBs and interface controllers.
4. **Automotive:** Dashboard controls and steering wheel buttons.
---
- ⤷
What are the specific dimensions (footprint) of the M5R83ZHJ-R?
- ⤷ Is this switch IP67 rated for water and dust resistance?
- ⤷ What is the recommended reflow soldering temperature profile for this part?