M5R88ZL-R
AI

The **M5R88ZL-R** is a specific electronic component, typically categorized as a surface-mount (SMT) power inductor or a high-current power choke. These components are essential in modern power management circuits for filtering and energy storage.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the general technical parameters:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Composite Iron Powder / Alloy Core |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **Termination** | Lead-free (RoHS Compliant) |
---
### 2. Functional Characteristics
The "M5R88" series is designed to handle high-frequency power conversion with specific physical and electrical traits:
* **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation.
* **High Saturation Current:** The alloy core allows the inductor to maintain its inductance even when high levels of current pass through it.
* **Low Acoustic Noise:** The molded construction reduces mechanical buzzing or "coil whine" often found in cheaper inductors.
* **Thermal Stability:** These parts are built to operate reliably in high-temperature environments (often up to 125°C or 155°C).
---
### 3. Common Applications
The M5R88ZL-R is primarily used in DC-to-DC conversion circuits. Specific devices include:
1. **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards (GPU).
2. **Laptops and Tablets:** Used in high-efficiency power supplies for processors.
3. **LED Drivers:** Providing stable current for lighting systems.
4. **Automotive Electronics:** Used in infotainment systems and ADAS modules due to their ruggedness.
---
### 4. Part Number Breakdown (Typical)
While manufacturers vary slightly, the code usually breaks down as follows:
* **M5R:** Series identifier (Indicates the physical footprint and material type).
* **88:** Dimensions (Usually refers to the width/length, e.g., 8.0mm x 8.0mm).
* **ZL:** Inductance value or performance characteristic code.
* **-R:** Standard suffix for "RoHS Compliant" or "Tape & Reel" packaging.
---
- ⤷What is the exact inductance value (uH) for the ZL variant?
- ⤷ Which manufacturers produce the M5R series inductors?
- ⤷ How does an alloy core inductor compare to a traditional ferrite core?