AI

The **M5RJ15SPJ-R** is a specific electronic component, typically categorized as a high-performance **Modular Jack (RJ45)** connector. These parts are fundamental in networking hardware, providing the physical interface for Ethernet connections.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
## 1. Component Overview
The M5RJ15SPJ-R is a shielded, right-angle, surface-mount (or through-hole depending on specific footprint variants) RJ45 connector. It is often designed for industrial or high-reliability telecommunications equipment.
### Key Specifications Table
| Feature | Description |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C - 8 Positions, 8 Contacts) |
| **Orientation** | Right Angle (Side Entry) |
| **Shielding** | Fully Shielded (Metal Tab/Shell) |
| **Mounting Type** | PCB Mount (Usually with solder pegs) |
| **LED Integration** | Typically features integrated LEDs (Green/Yellow) |
| **Performance Category** | Cat5e / Cat6 Compatible |
---
## 2. Electronic Characteristics
To ensure signal integrity and protection for the connected ICs (like an Ethernet PHY), this component includes several critical electronic features:
### A. Integrated Magnetics (MagJack)
While some RJ45s are "passive," the **M5RJ** series often includes internal transformers and "Common Mode Chokes."
* **Isolation:** Provides 1500Vrms isolation between the cable and the PHY chip.
* **EMI Suppression:** Reduces electromagnetic interference to meet FCC/CE requirements.
### B. Contact Resistance & Rating
* **Current Rating:** Typically 1.5 Amps per contact.
* **Voltage Rating:** 125 VAC max.
* **Contact Resistance:** $\le 30 m\Omega$ to ensure minimal signal loss.
### C. LED Circuitry
The "SPJ" suffix often denotes the inclusion of status LEDs.
* **Forward Voltage:** ~2.1V for Green, ~2.2V for Yellow.
* **Configuration:** Usually requires external current-limiting resistors on the PCB.
---
## 3. Physical & Material Properties
The durability of the part is defined by its construction:
* **Housing:** High-temperature thermoplastic (UL94V-0 rated), suitable for reflow soldering.
* **Shielding:** Copper alloy with Nickel plating to prevent corrosion and provide a path to ground.
* **Gold Plating:** The internal pins usually have **30µ" to 50µ" gold plating** to prevent oxidation over thousands of mating cycles.
---
## 4. Pinout Example (Standard)
```text
Pin 1: TX+ (Transmit Data Plus)
Pin 2: TX- (Transmit Data Minus)
Pin 3: RX+ (Receive Data Plus)
Pin 6: RX- (Receive Data Minus)
Pins 4, 5, 7, 8: Often terminated via "Bob Smith" termination for EMI.
```
- ⤷
Does this part support Power over Ethernet (PoE)?
- ⤷ What is the recommended PCB footprint for the M5RJ15SPJ-R?
- ⤷ Can this connector be used for Gigabit Ethernet (1000Base-T) applications?