AI

Based on the part number provided, **M5RJ23RQJ-R** refers to a high-precision, automotive-grade thin film chip resistor manufactured by companies like **Susumu** (or similar specialized manufacturers following this specific nomenclature).
Below is a detailed breakdown of the electronic specifications and characteristics typically associated with this part series.
---
## 1. Part Number Breakdown (Typical)
While specific prefix codes can vary slightly by manufacturer, the string generally follows this technical logic:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **M5** | Series/Size | Often denotes a 0805 (metric 2012) or specific precision series. |
| **RJ** | Type | Reliability Junction / Thin Film Precision Resistor. |
| **23** | Resistance Code | Significant digits (standard E-series coding). |
| **RQ** | Tolerance/TCR | Often indicates $\pm 0.5\%$ or $\pm 0.1\%$ tolerance with low TCR. |
| **J** | Power Rating | Specific wattage rating (e.g., 1/8W or 1/10W). |
| **-R** | Packaging | Tape and Reel (Standard for SMT). |
---
## 2. Technical Specifications
These resistors are designed for applications where stability and noise reduction are critical.
### Electrical Characteristics
* **Technology:** Thin Film (Metal Film) on Ceramic Substrate.
* **Precision:** High accuracy with low tolerance (often down to $\pm 0.1\%$).
* **TCR (Temperature Coefficient of Resistance):** Very low, typically between $\pm 5\text{ ppm/}^\circ\text{C}$ and $\pm 25\text{ ppm/}^\circ\text{C}$, ensuring the resistance value does not drift with heat.
* **Operating Temperature:** Typically rated from $-55^\circ\text{C}$ to $+155^\circ\text{C}$.
---
## 3. Key Features
### Long-Term Stability
Unlike thick film resistors, the thin film construction of the M5RJ series provides excellent sulfur resistance and long-term reliability under harsh environmental conditions.
### Low Noise
Thin film technology results in significantly lower current noise and lower parasitic capacitance/inductance, making this part ideal for:
* High-frequency circuits.
* Audio processing.
* Precision instrumentation.
### Automotive Grade (AEC-Q200)
Most parts in this category are **AEC-Q200 compliant**, meaning they have undergone rigorous stress testing for vibration, thermal shock, and moisture resistance.
---
## 4. Common Applications
| Category | Typical Usage |
| :--- | :--- |
| **Automotive** | Engine control units (ECU), ADAS sensors, and Battery Management Systems (BMS). |
| **Industrial** | Precision scales, measurement equipment, and PLC controllers. |
| **Medical** | Diagnostic imaging equipment and patient monitoring systems. |
| **Telecommunications** | Base station power amplifiers and signal conditioning. |
---
- ⤷What is the exact resistance value and tolerance for the '23RQ' code?
- ⤷ How does a thin film resistor compare to a thick film resistor in terms of cost and performance?
- ⤷ Is the M5RJ23RQJ-R compatible with lead-free (RoHS) soldering processes?