Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5RJ25ZPJ-R

  • AI
    The **M5RJ25ZPJ-R** is a specific electronic component, typically categorized as a **modular connector** or **modular jack** (commonly used in telecommunications and networking hardware). Based on the nomenclature, this part follows standard industry specifications for RJ-style connectors (Registered Jacks). Below is a detailed breakdown of its electronic and physical characteristics. --- ## 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | Modular Jack (RJ Type) | | **Interface** | RJ25 (6P6C - 6 Positions, 6 Contacts) | | **Orientation** | Usually Right Angle / Side Entry | | **Mounting Type** | Through-Hole (PCB Mount) | | **Shielding** | Non-Shielded (Standard Plastic Housing) | | **Packaging** | Tape & Reel or Tray (indicated by "-R" suffix) | --- ## 2. Key Component Parts & Materials The "Electronic Parts" within this assembly include: ### A. Contact Pins * **Material:** Usually Phosphor Bronze or Beryllium Copper. * **Plating:** Gold plating on the contact area (often 3µ", 6µ", or 15µ" depending on the grade) to prevent oxidation and ensure low contact resistance. * **Solder Tail:** Tin or lead-free plating to facilitate easy soldering to the Printed Circuit Board (PCB). ### B. Housing (Insulator) * **Material:** High-temperature thermoplastic (e.g., PBT or Nylon). * **Function:** Provides mechanical strength and electrical insulation between the six pins. It is designed to withstand the heat of wave soldering. ### C. Mechanical Latches * **Function:** Ensures the mating RJ25 plug "clicks" into place and maintains a constant electrical connection even under vibration. --- ## 3. Pinout Configuration (RJ25 - 6P6C) As a **6P6C** connector, it utilizes all six available positions for electrical signals. | Pin Number | Typical Usage (Telephony) | | :--- | :--- | | **Pin 1** | Line 3 (Tip) | | **Pin 2** | Line 2 (Tip) | | **Pin 3** | Line 1 (Ring) | | **Pin 4** | Line 1 (Tip) | | **Pin 5** | Line 2 (Ring) | | **Pin 6** | Line 3 (Ring) | --- ## 4. Typical Applications * **Telecommunications:** Multi-line analog telephone systems. * **Networking:** Low-speed data transfer or specialized control interfaces. * **Industrial Control:** Used as a communication port (RS-232/RS-485) for sensors or PLC programming. * **Consumer Electronics:** Modems, Fax machines, and DSL splitters.
    ✨ Follow-up Questions
    • ⤷ What is the difference between RJ25 and RJ11 in terms of pin count?
    • ⤷ What does the '-R' suffix typically signify in electronic component ordering?
    • ⤷ How do I determine the gold plating thickness required for my application?