M5RJ28SPJ-R
AI

The **M5RJ28SPJ-R** is a specific electronic component, typically categorized as a high-performance **Modular Jack (RJ45)** connector. These parts are fundamental in networking hardware, providing the physical interface for Ethernet connections.
Below is a detailed breakdown of its specifications, construction, and technical features.
---
### 1. General Specifications
The following table highlights the core technical characteristics of the M5RJ28SPJ-R series:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Orientation** | Side Entry (Right Angle) |
| **Shielding** | Fully Shielded (Metal Housing) |
| **Mounting Type** | Through-Hole (PCB Mount) |
| **LED Configuration** | Integrated (Typically Green/Yellow) |
| **Speed Rating** | Cat5e / Cat6 compatible (10/100/1000 Base-T) |
---
### 2. Key Internal Components
To understand how the M5RJ28SPJ-R functions, we must look at its internal electronic and mechanical parts:
#### A. Integrated Magnetics (MagJack)
Most components in this series are "MagJacks," meaning they contain internal transformers and filters.
* **Isolation Transformers:** Protect the circuit from high-voltage spikes and provide galvanic isolation.
* **Common Mode Chokes:** Reduce Electromagnetic Interference (EMI) to ensure clean data transmission.
#### B. Contact Pins
* **Material:** Usually phosphor bronze.
* **Plating:** Gold plating (often 30µ" or 50µ") is applied to the contact area to prevent corrosion and ensure low contact resistance over thousands of mating cycles.
#### C. LED Indicators
* Integrated into the front face of the connector.
* Driven by the physical layer (PHY) chip on the PCB to indicate "Link" status and "Activity."
---
### 3. Mechanical & Environmental Features
* **Tab Direction:** Usually "Tab-Up" or "Tab-Down" design to suit specific enclosure clearances.
* **EMI Tabs:** Spring fingers on the metal shield that make contact with the product's chassis to provide a path to ground for interference.
* **Operating Temperature:** Generally rated from **-40°C to +85°C**, making it suitable for industrial applications.
---
### 4. Typical Applications
The M5RJ28SPJ-R is commonly found in:
* **Networking Equipment:** Routers, switches, and hubs.
* **Industrial PC:** Embedded systems and PLCs.
* **IoT Gateways:** Devices requiring stable wired internet connectivity.
---
- ⤷What is the difference between a standard RJ45 and a MagJack like the M5RJ28SPJ-R?
- ⤷ How do I interpret the LED pinout for this connector on a PCB layout?
- ⤷ What are the specific soldering temperature profiles for this through-hole component?