AI

Based on the part number provided, **M5RJ68EQJ-R** refers to a high-precision, automotive-grade thin film chip resistor, typically manufactured by **Panasonic**.
---
## Technical Specifications
The following table outlines the core electronic characteristics of the M5RJ68EQJ-R:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Thin Film Chip Resistor | High stability and low noise |
| **Resistance Value** | 6.8 kΩ | "68E" typically represents 6.8k in specific codes |
| **Tolerance** | ±0.1% | High precision (Grade B/Q range) |
| **Power Rating** | 0.1 W (1/10 W) | Standard for 0603 size |
| **Case Size (Inch/Metric)** | 0603 / 1608 | 1.6 mm x 0.8 mm |
| **Temp. Coefficient (TCR)** | ±25 ppm/°C | Minimal drift with temperature changes |
| **Compliance** | AEC-Q200 | Automotive grade reliability |
| **Packaging** | Tape & Reel (-R) | Suitable for automated SMT assembly |
---
## Key Features
### 1. High Reliability (AEC-Q200)
This part is qualified under the **AEC-Q200** standard, meaning it is designed to withstand harsh environments, including mechanical shock, vibration, and extreme temperature cycling common in automotive applications.
### 2. Thin Film Technology
Unlike standard "Thick Film" resistors, "Thin Film" resistors are sputtered onto a ceramic substrate. This results in:
* **Lower Noise:** Essential for sensitive analog circuits.
* **Better Linearity:** Maintains performance across frequencies.
* **Tighter Tolerance:** Allows for more accurate voltage division and signal conditioning.
### 3. Environmental Resistance
The "M" series from Panasonic often features specialized protective coatings that provide excellent resistance to humidity and sulfurization (anti-sulfur properties), preventing open circuits in polluted environments.
---
## Common Applications
* **Automotive ECUs:** Control units for engines, transmissions, and braking.
* **Industrial Electronics:** High-accuracy sensors and measurement equipment.
* **Medical Devices:** Monitoring equipment requiring high stability.
* **Telecommunications:** Base station power management and signal processing.
- ⤷
What are the main differences between thin film and thick film resistors?
- ⤷ How does the AEC-Q200 qualification impact component testing?
- ⤷ Are there equivalent parts from other manufacturers like Vishay or Susumu?