M5RJ73RPJ-R
AI

The **M5RJ73RPJ-R** is a specific electronic component identifier, typically associated with a **fixed resistor** manufactured by companies like Susumu or similar precision component specialists.
Based on the standard alphanumeric coding for this series, here is the technical breakdown of the part:
---
## 1. Technical Specifications
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Fixed Resistor | Passive surface-mount device (SMD). |
| **Series** | M5RJ | High precision, thin-film chip resistor series. |
| **Resistance Value** | 73Ω (typically) | Deciphered from the "73R" code. |
| **Tolerance** | ±0.1% to ±5% | Depending on the final suffix (often J implies 5%, but P/R modifiers indicate precision). |
| **Power Rating** | 1/10W to 1/8W | Common for this physical size. |
| **Package / Case** | 0603 or 0805 | Standard SMD dimensions. |
---
## 2. Part Number Breakdown
While manufacturer codes vary slightly, the "M5RJ" string generally follows this logic:
1. **M5RJ**: The product series designation, often indicating **Metal Film** or **Thin Film** technology for high stability.
2. **73R**: The resistance value. "R" acts as the decimal point for Ohms. (73R = 73 Ω).
3. **P/J**: These are usually tolerance and temperature coefficient (TCR) indicators.
* **J**: Often represents ±5% tolerance.
* **P**: Can represent a specific TCR (e.g., ±25ppm/°C).
4. **-R**: Typically stands for **Tape & Reel** packaging, indicating it is supplied on a plastic/paper reel for automated pick-and-place machines.
---
## 3. Key Applications
Because this series focuses on stability and low noise, it is commonly found in:
* **Precision Instrumentation**: Where resistance must remain constant despite temperature changes.
* **Medical Electronics**: High-reliability circuits.
* **Audio Equipment**: Thin-film resistors provide lower thermal noise compared to thick-film alternatives.
* **Telecommunications**: Signal conditioning and impedance matching.
---
## 4. Physical Characteristics
* **Substrate**: High-purity Alumina ceramic.
* **Resistive Element**: Passivated Nichrome (NiCr) or similar thin-film alloy.
* **Terminations**: Lead-free (Sn) plating over a Nickel (Ni) barrier layer to prevent "leaching" during soldering.
- ⤷
What is the exact tolerance rating for the 'J' suffix in this series?
- ⤷ Are there thick-film alternatives to the M5RJ series for cost-saving?
- ⤷ What is the standard operating temperature range for thin-film resistors?