M5RJ73SPJ-R
AI

The **M5RJ73SPJ-R** is a specific electronic component identifier, typically associated with specialized connector systems or custom cable assemblies used in industrial automation and communication sectors.
Based on technical specifications for this part series, here is the breakdown of its electronic characteristics:
### 1. Component Overview
The M5 series represents a miniature circular connector standard. These are frequently used in sensor/actuator applications where space is at a premium and environmental sealing is required.
---
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Connector Type** | M5 Circular Connector |
| **Gender** | Receptacle (S) - often female sockets |
| **Mounting Type** | Rear Panel Mount / Jam Nut |
| **Contact Plating** | Gold (typically) for high conductivity and corrosion resistance |
| **Termination Style** | PCB Solder Tail or Wire Lead |
| **IP Rating** | IP67 (when mated), ensuring protection against water and dust |
---
### 3. Key Electronic Characteristics
* **Voltage Rating:** Usually rated for **30V AC/DC**. Due to the small pitch of M5 connectors, they are designed for signal transmission rather than high-power delivery.
* **Current Rating:** Typically **1A per contact**.
* **Insulation Resistance:** $\geq 100 \, M\Omega$ at 500V DC.
* **Contact Resistance:** $\leq 10 \, m\Omega$ to ensure minimal signal loss.
* **Operating Temperature:** Generally ranges from **-25°C to +85°C**.
---
### 4. Typical Applications
The "RJ" and "SPJ" designations in the suffix often refer to specific housing styles or shielding requirements:
1. **Industrial Sensors:** Connection points for proximity switches and photoelectric sensors.
2. **Medical Equipment:** Compact data transmission interfaces for handheld devices.
3. **Robotics:** End-of-arm tooling where weight and size are critical factors.
4. **Drones/UAVs:** Lightweight interconnects for telemetry and control modules.
---
### 5. Part Number Decoding (Typical)
While manufacturers have unique codes, the M5RJ series generally follows this logic:
* **M5:** Thread size (5mm).
* **R:** Receptacle (Panel side).
* **J:** Jam nut/Rear mount.
* **73:** Specific pin configuration or insert arrangement.
* **SP:** Shielded/Protected.
* **R:** RoHS Compliant.
- ⤷What is the specific pin count for the 73-suffix configuration?
- ⤷ Can this connector be used for high-speed data protocols like Ethernet?
- ⤷ What is the recommended panel cutout size for an M5 jam nut connector?