M5RJ75EQJ-R
AI

The part number **M5RJ75EQJ-R** refers to a high-precision, surface-mount (SMD) metal film chip resistor. These components are critical in circuits requiring high stability, low noise, and tight tolerances.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters associated with this specific part series:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Metal Film Resistor | Provides better stability than thick film. |
| **Package / Case** | 0603 (1608 Metric) | Standard surface mount footprint. |
| **Resistance Value** | 75 Ohms | Identified by the "75E" or "75R" segment. |
| **Tolerance** | ±0.1% to ±5% | Usually high precision (check suffix for exact %). |
| **Power Rating** | 1/10W (0.1W) | Standard for 0603 package size. |
| **Temp. Coefficient** | ±25 ppm/°C to ±100 ppm/°C | Low drift over temperature changes. |
| **Packaging** | Tape & Reel (R) | The "-R" suffix indicates reel packaging for SMT machines. |
---
### 2. Composition and Construction
The **M5RJ** series is constructed using a metal film technology which offers distinct advantages over standard "Thick Film" (CRCW series) resistors:
* **Resistive Element:** A thin layer of metal alloy is deposited onto a high-grade ceramic body.
* **Terminations:** Usually features a nickel barrier layer with a tin (Sn) finish for excellent solderability and resistance to "leaching."
* **Protection:** Coated with a specialized epoxy or glass layer to protect the resistive element from moisture and mechanical stress.
---
### 3. Key Features & Applications
#### Features
* **Low Noise:** Metal film construction generates significantly less thermal noise, making it ideal for audio and precision analog circuits.
* **High Stability:** Maintains its resistance value accurately over long periods and varying environmental conditions.
* **Tight Tolerance:** Often used when the circuit requires exact resistance values to maintain signal integrity.
#### Common Applications
1. **Precision Instrumentation:** Measurement devices where accuracy is paramount.
2. **Audio Equipment:** High-fidelity pre-amps and signal processing.
3. **Medical Electronics:** Monitoring equipment requiring high reliability.
4. **Telecommunications:** Base stations and high-speed data transmission modules.
---
### 4. Part Number Decoding (Typical)
While manufacturers vary slightly, the code generally follows this logic:
* **M5RJ**: Series identifier (Metal Film, Precision).
* **75E/75R**: The resistance value (75 Ohms).
* **Q/J**: Tolerance and Temperature Coefficient indicators.
* **-R**: Tape and Reel packaging.
- ⤷
What is the difference in performance between this metal film resistor and a standard thick film resistor?
- ⤷ Can this resistor be used in high-frequency RF applications?
- ⤷ What are the specific soldering temperature profiles recommended for the 0603 package?