M5RJ84SPJ-R
AI

The **M5RJ84SPJ-R** is a specific part number typically associated with **RJ45 Modular Jacks**. These components are fundamental in networking hardware, serving as the physical interface for Ethernet connections.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. General Component Specifications
The "M5RJ" series generally refers to high-performance modular connectors designed for PCB mounting.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C - 8 Positions, 8 Contacts) |
| **Orientation** | Right Angle (Side Entry) |
| **Mounting Type** | Through-Hole (THT) |
| **Shielding** | Fully Shielded (Metal Housing) |
| **LED Indicators** | Often includes integrated LEDs (Green/Yellow) |
### 2. Key Electronic Characteristics
These parts are designed to handle data transmission while protecting the internal circuitry of the device.
* **Contact Resistance:** Usually rated at a maximum of $20\text{m}\Omega$ to $30\text{m}\Omega$ to ensure minimal signal loss.
* **Insulation Resistance:** Typically $500\text{M}\Omega$ minimum at 500V DC.
* **Current/Voltage Rating:** Rated for approximately 1.5 Amps and 125V AC/DC.
* **Dielectric Withstanding Voltage:** Can usually withstand 1000V AC for one minute without breakdown.
### 3. Integrated Magnetics (MagJack)
Most modern parts with this naming convention are **MagJacks**. This means the connector is not just a plastic housing but contains internal electronic components:
* **Isolation Transformers:** To provide galvanic isolation between the Ethernet cable and the PHY chip.
* **Common Mode Chokes:** To filter out Electromagnetic Interference (EMI).
* **Terminating Resistors/Capacitors:** To match impedance (usually $75\Omega$) and reduce noise.
### 4. Physical Construction
| Component | Material |
| :--- | :--- |
| **Housing** | Thermoplastic (UL 94V-0 rated) |
| **Contacts** | Phosphor Bronze with Gold Plating (usually 6u" to 50u") |
| **Shielding** | Copper Alloy with Nickel or Tin plating |
---
### Summary of the "SPJ" Suffix
In many manufacturer coding systems:
* **S:** Shielded.
* **PJ:** Panel Jack or Plug Jack configuration.
* **-R:** RoHS Compliant (Lead-free).
- ⤷
What is the specific pinout configuration for the M5RJ84SPJ-R?
- ⤷ Does this component support Gigabit Ethernet (10/100/1000) speeds?
- ⤷ What are the recommended PCB footprint dimensions for this part?