M5RJ84SQJ-R
AI

The **M5RJ84SQJ-R** is a specific part number belonging to a high-performance memory component, typically categorized as a **Synchronous Dynamic Random Access Memory (SDRAM)** or a specialized **DDR (Double Data Rate)** module used in embedded systems and networking hardware.
Below is a breakdown of its technical characteristics and electronic properties.
---
### 1. Technical Specifications
The following table outlines the core parameters associated with this class of electronic components:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Integrated Circuit (IC) - Memory |
| **Memory Configuration** | DDR SDRAM |
| **Package Type** | FBGA (Fine-pitch Ball Grid Array) |
| **Operating Voltage** | Typically 1.8V or 1.5V (Standard for DDR2/DDR3) |
| **Speed Grade** | High-speed (Optimized for low latency) |
| **Pin Count** | Varies by sub-revision (84-ball common for this series) |
---
### 2. Key Electronic Features
* **FBGA Packaging:** The "SQJ" suffix often refers to the physical package. FBGA (Fine-pitch Ball Grid Array) provides superior thermal performance and smaller physical footprints compared to traditional TSOP packages, making it ideal for compact PCBs.
* **Differential Clock Inputs:** It uses differential clocking ($CK$ and $\overline{CK}$) to minimize electromagnetic interference and ensure precise timing synchronization during high-speed data transfers.
* **Auto-Refresh & Self-Refresh:** The internal logic handles memory cell refreshing automatically, which reduces the complexity of the external memory controller.
* **Bi-directional Data Strobe:** This allows for source-synchronous data capture, ensuring that data is valid on both the rising and falling edges of the clock cycle.
---
### 3. Pinout and Connectivity (General Logic)
In an 84-ball configuration, the electronic connectivity is generally divided into three functional groups:
1. **Address/Command Lines:** (A0-A15, BA0-BA2) Used to select specific memory banks and rows.
2. **Data Bus:** (DQ0-DQ15) The bidirectional path where actual data is transmitted.
3. **Control Signals:** Includes Chip Select ($\overline{CS}$), Write Enable ($\overline{WE}$), and Column/Row Address Strobe ($CAS/RAS$).
---
### 4. Typical Applications
Due to its high density and speed, this part is commonly found in:
* **Networking Equipment:** High-speed routers and switches.
* **Industrial Automation:** High-reliability PLC (Programmable Logic Controllers).
* **Storage Systems:** Buffer memory for SSD controllers or NAS devices.
- ⤷
What is the exact data storage capacity of the M5RJ84SQJ-R?
- ⤷ Which manufacturers produce this specific part number?
- ⤷ Is there a pin-compatible alternative for this FBGA package?