M5RJ84UPJ-R
AI

The **M5RJ84UPJ-R** is a specific electronic component belonging to the **RJ45 Modular Jack** family. It is primarily used in networking hardware to provide physical connectivity for Ethernet cables.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
## 1. Technical Specifications
The "M5R" series typically refers to high-performance modular jacks often used in industrial or telecommunications equipment.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C - 8 Positions, 8 Contacts) |
| **Mounting Type** | Through-Hole (PCB Mount) |
| **Orientation** | Right Angle (Side Entry) |
| **Shielding** | Shielded (Metal Shell for EMI/RFI protection) |
| **LED Configuration** | Typically Dual LED (usually Green/Yellow or Green/Orange) |
| **Tab Direction** | Tab Up (U) |
| **Performance Category** | Cat5e or Cat6 (depending on internal magnetics) |
---
## 2. Key Electronic Components
### A. Integrated Magnetics (MagJack)
Most components with this naming convention are **MagJacks**. This means the RJ45 housing contains internal circuitry:
* **Isolation Transformers:** Protects the equipment from high-voltage surges on the network line.
* **Common Mode Chokes:** Filters out electromagnetic interference (EMI) to ensure signal integrity.
* **Termination Resistors:** Matches impedance to prevent signal reflection.
### B. Shielding and Grounding
The "R" suffix often denotes a shielded version with **EMI Fingers**. The metal outer shell is connected to the PCB ground via solder tabs, preventing external noise from affecting the data stream.
### C. LED Indicators
The integrated LEDs are connected to the PCB via separate pins. They provide real-time status updates:
* **Link Status:** Indicates a successful connection to another device.
* **Activity:** Flashes during data transmission/reception.
---
## 3. Physical Layout (Footprint)
The component typically follows a standard pitch for networking jacks:
* **Signal Pins:** 1.02mm pitch.
* **Housing Material:** High-temperature thermoplastic (UL 94V-0 rated).
* **Contact Plating:** Gold plating (often 30µ" or 50µ") over Nickel to prevent oxidation and ensure long-term conductivity.
---
## 4. Common Applications
* **Networking Gear:** Switches, routers, and hubs.
* **Industrial PC:** Embedded motherboards and PLC controllers.
* **Telecom:** Modems and VoIP gateways.
- ⤷
What is the difference between Tab Up and Tab Down RJ45 connectors?
- ⤷ How do integrated magnetics improve Ethernet performance?
- ⤷ What are the standard pinouts for the internal LEDs in this part?