M5RJ85RPJ-R
AI

### Component Analysis: M5RJ85RPJ-R
The **M5RJ85RPJ-R** is a specialized electronic component, typically categorized as a **Modular Jack (RJ45)** connector. Based on the part numbering convention, it is commonly associated with high-performance networking interfaces used in industrial and consumer electronics.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical attributes for this series:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C - 8 Positions, 8 Contacts) |
| **Mounting Type** | Through-Hole / Right Angle (R) |
| **Shielding** | Shielded (Metal Shell for EMI protection) |
| **Orientation** | Side Entry (Right Angle) |
| **Gold Plating** | Usually 3μ" to 50μ" depending on specific sub-grade |
| **Internal Magnetics** | Often integrated (MagJack) for signal conditioning |
---
### 2. Key Electronic Features
1. **Integrated Magnetics (Optional but Common):**
These parts often include internal transformers and chokes to provide electrical isolation and noise suppression, protecting the PHY (Physical Layer) chip from voltage spikes.
2. **EMI Shielding:**
The outer metal casing is grounded to the PCB to prevent electromagnetic interference (EMI) from affecting the high-speed data transmission.
3. **LED Indicators:**
The "RJ" series frequently includes integrated LEDs (Green/Yellow) to indicate "Link" and "Activity" status directly on the port.
4. **Signal Integrity:**
Designed to support various Ethernet speeds, including 10/100 Base-T or 1000 Base-T (Gigabit Ethernet), depending on the internal wiring and pin pitch.
---
### 3. Pinout and Internal Structure
A standard 8P8C configuration follows this logical layout:
```text
Pin 1: TX+ (Transmit Positive)
Pin 2: TX- (Transmit Negative)
Pin 3: RX+ (Receive Positive)
Pin 4: Reserved / Common
Pin 5: Reserved / Common
Pin 6: RX- (Receive Negative)
Pin 7: Reserved / Common
Pin 8: Reserved / Common
```
---
### 4. Applications
* **Networking Equipment:** Routers, switches, and hubs.
* **Industrial PC:** Motherboards and daughtercards for automation.
* **Telecommunications:** VOIP phones and base stations.
* **Embedded Systems:** Single-board computers (SBCs) like Raspberry Pi-style industrial clones.
- ⤷
Does this specific part number include integrated LED indicators?
- ⤷ What is the recommended PCB footprint for the M5RJ85RPJ-R series?
- ⤷ How does the 'R' suffix affect the mounting orientation compared to standard versions?