M5RJ88UPJ-R
AI

The **M5RJ88UPJ-R** is a specific electronic component, primarily recognized as a **Modular Jack (RJ45)** connector. It is engineered for networking and telecommunications equipment, focusing on high-speed data transmission and physical durability.
---
## Technical Specifications
The following table outlines the core physical and electrical characteristics of the M5RJ88UPJ-R:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C - 8 Positions, 8 Contacts) |
| **Mounting Type** | Through-Hole (PCB Mount) |
| **Orientation** | Right Angle (90 Degree) |
| **Shielding** | Shielded (Metal Housing) |
| **LED Indicators** | Often includes integrated LEDs (Status/Activity) |
| **Contact Plating** | Gold over Nickel (typically 30µ" to 50µ") |
| **Durability** | 750 Mating Cycles minimum |
---
## Key Features & Construction
### 1. Mechanical Design
* **Tab Direction:** This model usually features a "Tab-Up" or "Tab-Down" orientation designed to fit specific enclosure profiles.
* **Shielding:** The outer metal shell provides **EMI/RFI protection**, which is critical for preventing signal interference in high-density server racks or industrial environments.
* **Integrated Magnetics:** Depending on the specific sub-series, these connectors often include "MagJack" technology—internal transformers and filters that handle signal conditioning and isolation.
### 2. Electrical Performance
* **Current Rating:** Typically 1.5 Amps per contact.
* **Voltage Rating:** 125V AC max.
* **Dielectric Strength:** Capable of withstanding 1000V AC between contacts for one minute.
### 3. Material Composition
* **Insulator:** High-temperature thermoplastic (UL 94V-0 rated), allowing it to withstand wave soldering processes.
* **Contacts:** Phosphor Bronze base for excellent conductivity and spring tension.
---
## Common Applications
The M5RJ88UPJ-R is widely integrated into the following systems:
* **Network Infrastructure:** Switches, routers, and hubs.
* **Industrial PC (IPC):** Motherboards requiring robust Ethernet ports.
* **Consumer Electronics:** Set-top boxes and smart TVs.
* **Communication:** VoIP phones and telecommunication base stations.
- ⤷
Does this component support Power over Ethernet (PoE)?
- ⤷ What are the specific LED color configurations for the M5RJ88UPJ-R?
- ⤷ What is the recommended PCB footprint for this connector?