AI

The **M5RS-02-R** is a specific model within the series of high-precision, magnetic scale linear encoders manufactured by **Magnescale** (formerly Sony Precision Technology). This device is designed for displacement measurement in industrial automation and machine tools.
---
### 1. Technical Specifications
The following table summarizes the key electronic and physical characteristics of the M5RS-02-R:
| Feature | Specification |
| :--- | :--- |
| **Measurement Method** | Magnetic Induction (Non-contact) |
| **Resolution** | 2 $\mu$m (Standard for this series) |
| **Output Signal** | RS-422 Differential Line Driver |
| **Signal Type** | A/B Quadrature (TTL Level) |
| **Cable Length** | 2 Meters (Indicated by the "-02" suffix) |
| **Power Supply** | DC 5V ± 5% |
| **Accuracy (at 20°C)** | ± (5 + 5L/1000) $\mu$m |
---
### 2. Core Electronic Components
The internal electronics of the M5RS-02-R consist of three primary functional blocks:
#### A. Magnetic Sensing Element
The head contains a multi-gap MR (Magneto-Resistive) sensor. As the head moves over the magnetic scale, the sensor detects the varying magnetic fields and converts them into low-level analog sinusoidal signals.
#### B. Signal Processing & Interpolation
Because the physical magnetic poles on the scale are larger than the required resolution, the internal circuitry performs **interpolation**. It takes the raw analog sine/cosine waves and subdivides them electronically to achieve the 2-micron resolution.
#### C. RS-422 Differential Output
To ensure signal integrity over long distances and in noisy industrial environments (EMI), the unit uses an RS-422 line driver.
* **Signals:** A, /A, B, /B, and Z (Reference Mark).
* **Advantage:** Differential signaling cancels out common-mode noise.
---
### 3. Connection Pinout (Typical)
The M5RS-02-R usually terminates in a D-Sub connector or a specialized circular connector. The wiring typically follows this standard:
```text
Color Code (Standard Magnescale):
- Red: Power (5V)
- Black: Ground (0V)
- Blue: A Phase (+)
- Yellow: A Phase (-)
- White: B Phase (+)
- Gray: B Phase (-)
- Brown: Z Phase (Reference +)
- Orange: Z Phase (Reference -)
- Shield: Frame Ground
```
---
### 4. Key Advantages
1. **Environmental Resistance:** Unlike optical encoders, the magnetic electronic components are unaffected by oil, coolant, dust, or vibration.
2. **Thermal Stability:** The expansion coefficient of the magnetic scale is often matched to steel, ensuring electronic accuracy remains consistent with the machine frame.
3. **High-Speed Response:** The electronic interpolation allows for high traverse speeds (typically up to 60m/min) without losing pulse counts.
- ⤷What is the difference between the M5RS and the M5 series encoders?
- ⤷ How do I interface the RS-422 output with a standard Arduino or PLC?
- ⤷ What are the mounting tolerances for the M5RS-02-R reader head?