Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5RS-03-R

  • AI
    The **M5RS-03-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Magnetic Sensor** or a **Reed Switch**, often manufactured by companies like OKI (now part of KEMET/Tokin) or similar specialists in magnetic switching technology. --- ## 1. Core Technical Specifications The "M5RS" series is characterized by its miniature size and reliability in sensing magnetic fields. Below are the typical electrical and physical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Molded Reed Switch (SMD) | | **Contact Form** | Form A (Normally Open) | | **Max Switching Voltage** | 30V - 100V DC (varies by sub-model) | | **Max Switching Current** | 0.1A to 0.5A | | **Contact Rating** | 10W (Max) | | **Operating Sensitivity** | 10 to 30 Ampere-turns (AT) | | **Mounting Type** | Surface Mount Device (SMD) / Gull-wing leads | --- ## 2. Key Internal Components The device consists of several critical layers and parts that allow it to function without physical contact: ### A. The Reed Elements Two thin, ferromagnetic blades (reeds) are positioned inside a housing. When a magnetic field (from a permanent magnet or electromagnet) approaches, the reeds become polarized and attract each other, closing the circuit. ### B. Contact Plating The tips of the reeds are usually plated with precious metals such as **Rhodium** or **Ruthenium**. This ensures: * Low contact resistance. * Protection against oxidation. * Long life cycles (often rated for millions of operations). ### C. Molded Housing The "M" in the prefix often denotes a **Molded** package. Unlike glass-tube reed switches, the M5RS-03-R is encased in a thermoset plastic resin. This provides: * Physical durability during automated SMT assembly. * Resistance to vibration and shock. * Protection against flux contamination during soldering. --- ## 3. Typical Applications Because of its small footprint and passive operation (it requires no power to sense a magnet), it is used in: 1. **Mobile Electronics:** Detecting the closing of a flip-phone or a tablet cover. 2. **Security Systems:** Door and window sensors. 3. **Industrial Automation:** Position sensing and limit switching for low-power signals. 4. **Utility Meters:** Tamper detection or pulse counting for water/gas meters. --- ## 4. Implementation Example (Basic Circuit) The component acts as a passive switch. In a microcontroller environment (like an Arduino or ESP32), it is typically wired with a pull-up resistor. ```cpp // Basic sensing logic const int sensorPin = 2; // Connected to M5RS-03-R void setup() { pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up Serial.begin(9600); } void loop() { int state = digitalRead(sensorPin); if (state == LOW) { Serial.println("Magnet Detected!"); // Circuit closed } } ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between Form A and Form C reed switches?
    • ⤷ How does the 'Ampere-turns' (AT) rating affect the selection of a magnet?
    • ⤷ What are the soldering temperature precautions for molded SMD reed switches?