M5RS-10-R
AI

The **M5RS-10-R** is a specific model within the series of high-performance magnetic rotary encoders, often associated with industrial motion control systems. It is designed to translate the angular position or motion of a shaft into an analog or digital signal.
---
### 1. Key Technical Specifications
The "M5RS" series typically represents a compact, magnetic-based sensing technology. Below are the common specifications for this part:
| Parameter | Description |
| :--- | :--- |
| **Sensing Method** | Non-contact Magnetic (Hall Effect/Magnetoresistive) |
| **Resolution** | Usually up to 10-bit or 12-bit (depending on internal IC) |
| **Output Type** | Analog Voltage or PWM (Pulse Width Modulation) |
| **Operating Voltage** | Typically 5V DC ± 10% |
| **Mechanical Life** | Theoretically infinite (non-contact sensing) |
| **Rotational Speed** | High speed (up to 10,000+ RPM) |
---
### 2. Core Electronic Components
The internal architecture of the M5RS-10-R consists of several critical electronic stages:
#### A. Magnetic Sensing Element
The heart of the device is a **Permanent Magnet** attached to the rotating shaft and a **Magnetic Sensor IC** (often an AMR - Anisotropic Magnetoresistive sensor) fixed on the PCB.
* As the magnet rotates, the magnetic field orientation changes.
* The sensor detects the sine and cosine components of the magnetic field.
#### B. Signal Processing (ASIC)
The raw signals from the sensor are processed by an internal **Application-Specific Integrated Circuit (ASIC)**.
* **Interpolation:** The ASIC increases the resolution of the sine/cosine waves.
* **Error Correction:** It compensates for temperature fluctuations and magnetic interference.
#### C. Output Driver
The final stage is the output buffer which converts the processed data into a format readable by a PLC or Microcontroller:
* **Analog Output:** A linear voltage proportional to the angle (e.g., 0.5V to 4.5V).
* **Digital Interface:** Some variations use SPI or SSI for high-speed data transfer.
---
### 3. Pinout and Connection Logic
While exact pin colors can vary by manufacturer (often associated with brands like *Midori Precisions* or similar industrial suppliers), the standard wiring logic is:
1. **VCC (Red):** Power supply (typically +5V).
2. **GND (Black):** Common Ground.
3. **Output (White/Yellow):** The signal wire carrying the position data.
4. **Shield:** Used to prevent EMI (Electromagnetic Interference) in industrial environments.
---
### 4. Advantages of the M5RS-10-R
* **Durability:** Because there are no brushes or optical disks to get dirty or wear out, it is highly resistant to vibration and dust.
* **Compact Size:** The "M" series is designed for tight mechanical assemblies where space is at a premium.
* **Low Torque:** Since the sensor does not physically touch the rotating magnet, there is minimal friction.
- ⤷What is the specific resolution in degrees for the M5RS-10-R?
- ⤷ How does magnetic interference affect the accuracy of this encoder?
- ⤷ What are the common industrial applications for this specific model?