AI

The **M5RS-45-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Common Mode Choke** or an **Inductive Filter**, often manufactured by companies like Coilmaster or similar magnetic component specialists. These parts are primarily used for noise suppression in high-speed data lines.
---
### 1. Key Technical Specifications
The "45" in the part number often refers to the impedance or a physical dimension, while "R" typically signifies RoHS compliance or tape-and-reel packaging.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Common Mode Choke / Filter |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Impedance** | 45 Ohms (at 100MHz typical) |
| **Current Rating** | High (usually 500mA to 2A depending on series) |
| **Application** | USB 2.0, IEEE1394, LVDS, HDMI |
| **Package Size** | 0805 or 1206 (EIA) equivalent |
---
### 2. Internal Electronic Structure
The part consists of two coils wound around a single ferrite core.
* **Differential Mode:** Signals passing in opposite directions are unaffected, allowing data to flow freely.
* **Common Mode:** Noise signals traveling in the same direction are met with high impedance and are cancelled out.
### 3. Applications and Usage
The M5RS-45-R is designed to protect sensitive circuits from Electromagnetic Interference (EMI) without degrading the signal integrity of high-speed data.
* **Computing:** USB ports, VGA interfaces, and laptop motherboards.
* **Consumer Electronics:** Digital cameras, scanners, and LCD panels.
* **Networking:** Ethernet interfaces and hub circuitry.
### 4. Typical Circuit Representation
In a schematic, this part is represented as two coupled inductors:
```mermaid
graph LR
In1 --- Coil1 --- Out1
In2 --- Coil2 --- Out2
Coil1 -.- Coil2
```
---
- ⤷What is the maximum current rating for the M5RS-45-R?
- ⤷ Can this part be used for power line filtering or is it strictly for data?
- ⤷ What are the footprint dimensions for the M5RS-45-R?