Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5RS-53W-R

  • AI
    The **M5RS-53W-R** is a high-performance **Step-Down (Buck) Voltage Regulator Module** designed for industrial and embedded applications. It is part of a series of non-isolated DC-DC converters known for high efficiency and compact footprints. --- ### ## Technical Specifications Below are the primary electronic characteristics of the M5RS-53W-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 18V DC (Nominal 12V) | | **Output Voltage** | 3.3V DC | | **Output Current** | 5.0 Amperes (Max) | | **Power Rating** | Approx. 16.5 Watts | | **Efficiency** | Up to 90% | | **Package Type** | SIP (Single In-line Package) - Through Hole | | **Operating Temperature** | -40°C to +85°C | --- ### ### Key Electronic Features 1. **Synchronous Rectification**: The module utilizes synchronous rectification technology instead of standard Schottky diodes. This significantly reduces power loss and heat generation, allowing for high current output in a small form factor. 2. **Protection Mechanisms**: * **Over-Current Protection (OCP):** Automatically limits current to prevent damage during a short circuit. * **Thermal Shutdown:** Shuts the device down if internal temperatures exceed safe operating limits. * **Under-Voltage Lockout (UVLO):** Ensures the device does not operate until the input voltage is high enough to maintain stability. 3. **Control Features**: * **Remote On/Off (Positive Logic):** Allows the system microcontroller to enable or disable the power rail electronically. * **Output Trim:** Typically allows for slight adjustments to the output voltage via an external resistor to compensate for voltage drops across long traces. --- ### ### Typical Application Circuit The module is designed for ease of use, requiring minimal external components. ```markdown [Input Source] ---- [Input Cap: 10uF] ---- [M5RS-53W-R] ---- [Output Cap: 22uF] ---- [Load] | [Remote Pin] --- (MCU Control) ``` --- ### ### Applications * **Distributed Power Architectures:** Used as an intermediate bus converter to step down 12V rails to 3.3V for logic circuits. * **Telecommunications:** Powering networking hardware and FPGA/ASIC cores. * **Industrial Automation:** Providing stable power for PLCs and sensors.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout assignments for the M5RS-53W-R?
    • ⤷ How do I calculate the external resistor value for the Trim function?
    • ⤷ What is the maximum ripple and noise level for this regulator?