M5RS-54-R
AI

The **M5RS-54-R** is a high-performance, shielded power inductor manufactured by **Coiltronics (now part of Eaton)**. It is specifically designed for high-density power conversion applications where efficiency and thermal management are critical.
---
### ## Technical Specifications
Below are the primary electronic characteristics of the M5RS-54-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.54 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~25.0 Amperes |
| **Saturation Current (Isat)** | ~40.0 Amperes |
| **DC Resistance (DCR)** | ~1.10 mΩ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | Surface Mount (SMD) |
---
### ## Key Electronic Features
1. **Magnetically Shielded:**
The part features a closed magnetic path construction. This minimizes Electromagnetic Interference (EMI), which is essential for densely packed PCBs where components are sensitive to stray magnetic fields.
2. **Low DCR (Direct Current Resistance):**
With a resistance value around 1.10 mΩ, this part minimizes power loss due to heat (I²R losses), allowing for higher efficiency in power supplies.
3. **High Saturation Current:**
The "Isat" rating indicates the point where inductance drops by a specific percentage. The M5RS-54-R is designed to handle high peak currents without the magnetic core "saturating," maintaining stable performance during load spikes.
4. **Flat-Wire / Rugged Construction:**
The "RS" series often utilizes flat-wire technology which reduces skin effect losses at high frequencies and allows for a more compact physical footprint.
---
### ## Applications
The M5RS-54-R is typically found in the following electronic circuits:
* **Multi-phase Buck Regulators:** Used in CPU/GPU power modules (VRMs).
* **DC-DC Converters:** High-current point-of-load (POL) converters.
* **Voltage Regulator Modules:** Powering high-end servers and networking equipment.
* **Battery Powered Systems:** Where high efficiency is required to extend battery life.
---
### ## Circuit Symbol & Wiring
In a schematic, this part is represented as a standard inductor with two parallel lines above the coil symbol, indicating a ferrite core.
```spice
* SPICE model approximation
L1 Input Output 0.54u
R_series Input Output 0.0011 ; DCR in Ohms
```
---
- ⤷What is the physical footprint dimensions of the M5RS-54-R?
- ⤷ How does the saturation current change with temperature for this inductor?
- ⤷ What are the recommended alternatives if this part is out of stock?