Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5RS-601-R

  • AI
    The **M5RS-601-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a high-precision magnetic component, often produced by manufacturers like Sumida or similar magnetic component specialists. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties. While exact specs can vary by manufacturer series, the standard profile for a "601" series inductor includes: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Inductance** | 600 nH (0.6 µH) | The "601" code indicates $60 \times 10^1$ nH. | | **Mounting Type** | SMD / SMT | Surface Mount Technology for automated PCB assembly. | | **Current Rating** | High (3A - 15A) | Designed for high-current power supplies (DC-DC converters). | | **Shielding** | Magnetically Shielded | Reduces Electromagnetic Interference (EMI) to nearby parts. | | **Termination** | RoHs Compliant | The "-R" suffix usually denotes RoHS compliance or Tape & Reel packaging. | --- ## 2. Key Electronic Features ### A. Magnetic Core Construction The device typically utilizes a **Ferrite Core**. Ferrite is chosen for its high magnetic permeability and low electrical conductivity, which minimizes eddy current losses at high frequencies. ### B. Saturation Current ($I_{sat}$) This is a critical parameter for the M5RS series. It defines the point where the inductance drops (usually by 20-30%) due to the magnetic field strength. These parts are engineered for a "soft saturation" curve to prevent sudden circuit failure. ### C. Low DC Resistance (DCR) The internal copper windings are designed to be as thick as possible within the small footprint to minimize power loss ($P = I^2R$) and heat generation. --- ## 3. Common Applications Due to its high frequency and high current capabilities, the M5RS-601-R is found in: 1. **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU power phases. 2. **DC-DC Converters:** Used in point-of-load (POL) power supplies. 3. **Battery Powered Devices:** Providing efficient power management for mobile electronics. 4. **Automotive Electronics:** If rated for high temperatures, used in AEC-Q200 compliant modules. --- ## 4. Package and Dimensions The "M5RS" prefix often refers to a specific physical footprint (approximately 5mm to 6mm square). * **Footprint:** Often a square or rectangular pad layout. * **Profile:** Low-profile design (height usually under 3mm or 5mm) to fit in slim electronic enclosures. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Saturation Current rating for the M5RS-601-R?
    • ⤷ Can this part be used in automotive AEC-Q200 applications?
    • ⤷ What are the recommended soldering profile temperatures for this SMD inductor?