M5TS-03-R/Q
AI

The **M5TS-03-R/Q** is a high-performance, small-form-factor thermal sensor module, typically categorized as a **Thermopile Sensor**. It is widely used in medical, industrial, and consumer electronics for non-contact temperature measurement.
Below is a breakdown of its electronic specifications and characteristics.
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Sensor Type** | Thermopile (Infrared Non-contact) |
| **Object Temp Range** | Typically -20°C to +100°C (varies by calibration) |
| **Operating Voltage** | 3.0V to 5.5V DC |
| **Output Type** | Analog voltage (Proportional to IR radiation) |
| **Thermistor** | Integrated NTC for ambient temperature compensation |
---
### 2. Core Electronic Components
The device functions based on two primary internal sensing elements:
1. **Thermopile Element:** This consists of several thermocouples connected in series. It absorbs infrared energy from the target object and converts it into a small millivolt (mV) electrical signal.
2. **Internal Thermistor:** Since thermopiles measure the *difference* in temperature between the sensor and the object, an internal NTC (Negative Temperature Coefficient) thermistor is included to measure the "Reference" (ambient) temperature of the sensor itself.
---
### 3. Pin Configuration (Typical)
The M5TS series usually follows a 4-pin layout to allow for differential signal processing.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| **1** | **V_obj (+)** | Positive terminal for the Thermopile output |
| **2** | **V_obj (-)** | Negative terminal/Common for the Thermopile |
| **3** | **V_th** | Reference Thermistor output |
| **4** | **GND** | Ground/Common |
---
### 4. Signal Processing Requirements
Because the output signal of the M5TS-03-R/Q is a very low analog voltage, the following electronic stages are required in a circuit design:
* **Amplification:** An **Instrumentation Amplifier** or a High-Precision Op-Amp is needed to boost the mV signal to a level readable by an ADC (Analog-to-Digital Converter).
* **Filtering:** Low-pass filters are essential to remove high-frequency noise and 50/60Hz interference from the environment.
* **MCU Compensation:** The microcontroller must run an algorithm that combines the Thermopile voltage and the Thermistor resistance to calculate the final object temperature (Steinhart-Hart equation for the thermistor and a look-up table for the IR output).
---
### 5. Application Areas
* **Medical:** Ear/Forehead thermometers.
* **Appliances:** Microwave ovens, hair dryers, and toasters.
* **Industrial:** Monitoring hotspots in electrical panels or moving machinery parts.
- ⤷
What is the sensitivity (V/W) of the M5TS-03-R/Q thermopile?
- ⤷ Which specific Op-Amps are recommended for amplifying thermopile signals?
- ⤷ How does the 'R/Q' suffix affect the field of view (FOV) or optical characteristics?