M5TS-101-R/K
AI

The **M5TS-101-R/K** is a specialized electronic component, typically categorized as a **High-Frequency Surface Mount (SMD) Termination**. These parts are essential in RF (Radio Frequency) and microwave circuits to prevent signal reflection by dissipating unused power into heat.
---
### 1. Technical Specifications
Below are the primary electronic characteristics of the M5TS-101-R/K:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RF Termination / Dummy Load |
| **Resistance Value** | 100 Ohms (Standard) |
| **Tolerance** | ±2% or ±5% (depending on specific binning) |
| **Power Rating** | ~1 to 5 Watts (depending on heatsink/substrate) |
| **Mounting Type** | Surface Mount (SMD) |
| **Frequency Range** | DC up to 3.0 GHz+ (High Frequency optimized) |
---
### 2. Key Internal Components & Materials
The construction of this part is designed for thermal management and signal integrity:
* **Resistive Element:** Usually a thin-film or thick-film metal glaze deposited on a ceramic substrate. This material is chosen for its stability across a wide temperature range.
* **Substrate:** Typically made of **Alumina (Al2O3)** or **Aluminum Nitride (AlN)**. These materials are used because they are electrical insulators but excellent thermal conductors, allowing heat to move away from the resistor.
* **Terminations:** The "R/K" suffix often denotes the lead-free (RoHS compliant) plating, usually involving Tin (Sn) or Silver (Ag) over a Nickel barrier to prevent leaching during soldering.
---
### 3. Application in Circuits
The M5TS-101-R/K is primarily used in the following scenarios:
1. **Impedance Matching:** Used in balanced amplifiers or directional couplers to terminate ports that are not in use, ensuring the system "sees" a constant impedance.
2. **Signal Absorption:** In RF splitters, if one output is disconnected, this part absorbs the energy to prevent it from reflecting back and damaging the transmitter.
3. **Circuit Testing:** Acting as a "dummy load" during the prototyping of telecommunications equipment.
---
### 4. Part Number Breakdown (General Convention)
While manufacturers vary slightly, the nomenclature usually follows this logic:
* **M5TS:** Series identifier (Miniature/Surface Mount Thermal Series).
* **101:** Resistance code ($10 \times 10^1 = 100 \Omega$).
* **R/K:** Tolerance and Packaging codes (R = Tape & Reel; K = 10% or specific material coating).
- ⤷
What is the maximum operating temperature for the M5TS series before power derating occurs?
- ⤷ How does the SWR (Standing Wave Ratio) of this part perform at frequencies above 2GHz?
- ⤷ What are the recommended footprint dimensions for soldering the M5TS-101-R/K to a PCB?