AI

The **M5TS-24-R/Q** is a high-performance, compact industrial temperature controller manufactured by **Autonics**. It is specifically designed to provide high-speed sampling and precision PID control for industrial automation environments.
---
## 1. Core Technical Specifications
The electronics of the M5TS series are built around a digital microprocessor core that handles sensor linearization and control algorithms.
| Parameter | Specification Details |
| :--- | :--- |
| **Input Type** | Multi-input (Thermocouple: K, J, E, T, R, S, B, N / RTD: Pt100, Cu50) |
| **Power Supply** | 24VDC |
| **Control Output** | Relay (R) or SSR Drive (Q) - Model dependent |
| **Sampling Cycle** | 50ms (High-speed processing) |
| **Display Method** | 4-digit 7-segment LED |
| **Mounting Type** | DIN Rail Mounting |
---
## 2. Key Electronic Components & Features
### A. High-Speed Sampling Circuit
Unlike standard controllers that sample at 100ms or 500ms, the M5TS uses a **50ms sampling cycle**. This allows the electronic circuit to react almost instantly to rapid temperature changes, making it ideal for processes like plastic extrusion or high-speed packaging.
### B. Control Logic (PID & On/Off)
The internal logic supports:
* **PID Control:** Uses a derivative and integral algorithm to prevent overshoot.
* **Auto-tuning:** The controller electronically calculates the thermal mass of the system to set its own P, I, and D constants.
### C. Communication & Integration
The "M5TS" series often features integrated **RS485 communication (Modbus RTU)**. This allows the device to be part of a larger networked system (PLC or SCADA), enabling remote monitoring and parameter configuration via software like *DAQMaster*.
### D. Input/Output Isolation
To protect the internal microprocessor from industrial electrical noise, the unit utilizes **opto-isolation** between the input sensor terminals, the power supply, and the output relays.
---
## 3. Terminal Configuration
The device uses a slim 12.5mm design. The electronic wiring is generally grouped as follows:
1. **Power Terminals:** 24VDC Input.
2. **Sensor Input:** Terminals for connecting the Thermocouple or RTD.
3. **Control Output:**
* **-R models:** Uses an internal mechanical relay.
* **-Q models:** Uses a Voltage Pulse (12VDC) to trigger an external Solid State Relay (SSR).
---
- ⤷
How do I configure the PID auto-tuning on the M5TS-24?
- ⤷ What are the advantages of the 50ms sampling cycle in this model?
- ⤷ Can the M5TS-24-R/Q be connected directly to a PLC via Modbus?