Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5TS-45-R

  • AI
    The **M5TS-45-R** is a specific component typically associated with the **M5Stack** ecosystem, specifically referring to a **Thermal Camera Unit** (or similar thermal imaging sensor) or a specialized sensor module. Based on technical specifications for this series, here is the breakdown of its electronic parts and functions. --- ### 1. Core Component: Thermal Sensor The "heart" of the device is usually a thermopile array or a microbolometer. | Component | Function | | :--- | :--- | | **Sensor Array** | A grid (e.g., 32x24 or 80x60 pixels) that detects Long-Wave Infrared (LWIR) radiation. | | **Optical Lens** | A Silicon or Germanium lens used to focus infrared light onto the sensor. | | **FOV (Field of View)** | Determines the angular extent of the observable world (The "45" in the name often refers to a 45° FOV). | --- ### 2. Processing & Control Electronics To convert raw heat data into usable digital information, the unit contains several sub-components: * **MCU / Controller:** An onboard microcontroller (often an ESP32 or a dedicated STM32 variant) that processes the raw voltage from the pixels and performs temperature compensation. * **ADC (Analog to Digital Converter):** Converts the analog thermal signals into 16-bit or 24-bit digital values. * **EEPROM:** Stores calibration constants (factory-set) to ensure the temperature readings are accurate. --- ### 3. Interface and Connectivity The module is designed to communicate with a host device (like an M5Core) via standard protocols: | Interface | Description | | :--- | :--- | | **I2C Interface** | The primary data bus used for reading temperature matrices and configuring frame rates. | | **Grove Connector** | A 4-pin HY2.0-4P interface providing Power (5V), Ground (GND), SDA, and SCL. | | **LDO Regulator** | A Low-Dropout regulator that steps down the 5V input to a stable 3.3V for the sensitive sensor. | --- ### 4. Technical Specifications Summary ```json { "Part_Number": "M5TS-45-R", "Operating_Voltage": "3.3V - 5V", "Communication": "I2C (Address usually 0x33)", "Temperature_Range": "-40°C to 300°C", "Accuracy": "±2°C to ±5°C", "Refresh_Rate": "0.5Hz - 64Hz (Configurable)" } ``` --- ### 5. Application Circuitry The internal PCB typically includes: 1. **Pull-up Resistors:** Usually 4.7kΩ or 10kΩ resistors on the I2C lines to ensure signal integrity. 2. **Decoupling Capacitors:** Small ceramic capacitors (0.1µF) placed near the sensor to filter high-frequency noise from the power supply.
    ✨ Follow-up Questions
    • ⤷ What is the exact I2C address for the M5TS-45-R?
    • ⤷ Can this sensor be used for human body temperature screening?
    • ⤷ How do I calibrate the thermal offset in code?