M5TS-60-R/BL
AI

The **M5TS-60-R/BL** is a specialized high-temperature resistance temperature detector (RTD) probe, typically manufactured by companies like **Anritsu Meter**. It is primarily designed for surface temperature measurement in industrial and laboratory settings.
---
### 1. General Specifications
The part number breaks down into specific technical characteristics regarding its construction and electrical behavior.
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Pt100 (Platinum Resistance) |
| **Temperature Range** | -50°C to +600°C (approx.) |
| **Probe Tip Shape** | Static Surface Type (Flat) |
| **Lead Wire Length** | Typically 1 meter (Standard) |
| **Output Type** | Resistance (Ω) |
---
### 2. Electronic Components & Construction
#### A. The Pt100 Element
The core electronic component is a **Platinum Resistance Thermometer (PRT)**.
- **Nominal Resistance:** 100 $\Omega$ at 0°C.
- **Accuracy Class:** Usually Class A or Class B (per IEC 751 standards).
- **Function:** As temperature increases, the electrical resistance of the platinum wire increases linearly. This change is measured by a controller to determine the temperature.
#### B. The Sensing Head
The "60" in the model name often refers to the specific head configuration or temperature rating (600°C).
- **Material:** High-thermal-conductivity ceramic or metal base.
- **Contact:** Designed for static surfaces; the flat head ensures maximum surface area contact to reduce measurement error.
#### C. Internal Wiring (The "BL" Designation)
The **BL** suffix typically refers to the lead wire type or termination:
- **Insulation:** Usually glass fiber or fluororesin with stainless steel overbraiding to withstand high heat.
- **Connection:** 3-wire or 4-wire configuration to compensate for lead wire resistance, ensuring high precision over long distances.
---
### 3. Application Circuitry
To read the M5TS-60-R/BL, the sensor must be integrated into a measurement bridge or a constant current source circuit.
```python
# Conceptual logic for converting Resistance to Temperature (Callendar-Van Dusen)
def resistance_to_temp(R):
R0 = 100.0 # Resistance at 0°C
alpha = 0.003851 # Standard platinum coefficient
return (R - R0) / (R0 * alpha)
# Example: If measured resistance is 138.51 Ohms
# Temperature = (138.51 - 100) / (100 * 0.003851) = 100°C
```
---
### 4. Summary of Use Cases
* **Hot Plate Monitoring:** Measuring the surface of laboratory heaters.
* **Mold/Die Testing:** Checking the temperature of metal molds in plastic injection.
* **Motor Housing:** Monitoring the external temperature of high-performance electric motors.
- ⤷
What is the difference between a 2-wire and 3-wire Pt100 connection for this probe?
- ⤷ How do I calibrate an M5TS series sensor for high-temperature use?
- ⤷ Are there specific controllers recommended for the M5TS-60-R/BL?