Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5TS-81-R/BL

  • AI
    The **M5TS-81-R/BL** is a specialized electronic component, specifically a **high-precision digital temperature and humidity sensor module**. It is frequently used in industrial automation, HVAC systems, and environmental monitoring due to its compact form factor and digital interface. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The core functionality revolves around its ability to convert physical environmental changes into digital signals. | Feature | Specification | | :--- | :--- | | **Primary Functions** | Temperature and Relative Humidity (RH) sensing | | **Interface Type** | I2C (Inter-Integrated Circuit) | | **Supply Voltage (Vcc)** | 2.4V to 5.5V DC | | **Temperature Range** | -40°C to +125°C | | **Humidity Range** | 0% to 100% RH | | **Accuracy (Typical)** | ±2.0% RH / ±0.2°C | | **Package Style** | Surface Mount (SMD) / Module | --- ### 2. Key Electronic Components & Internal Logic The module is not just a raw sensor; it contains integrated circuitry to ensure data reliability: 1. **Capacitive Humidity Sensor:** Uses a dielectric polymer film that changes capacitance based on the amount of water vapor absorbed. 2. **Band-gap Temperature Sensor:** A precision silicon-based sensor that measures thermal energy. 3. **ASIC (Application-Specific Integrated Circuit):** * **ADC (Analog-to-Digital Converter):** Converts the analog capacitance/voltage into a digital bitstream. * **Calibration Memory:** Stores factory-calibrated coefficients to ensure high accuracy without user adjustment. * **I2C Logic:** Handles bus communication, addressing, and error checking (CRC). --- ### 3. Pin Configuration (Typical) The device usually operates with 4 main pins for electronic integration: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power Supply | Positive voltage input (2.4V - 5.5V). | | **GND** | Ground | Negative power supply / Reference. | | **SDA** | Serial Data | Bi-directional data line for I2C communication. | | **SCL** | Serial Clock | Clock signal line for I2C synchronization. | --- ### 4. Implementation Example (Microcontroller) To read data from the M5TS-81-R/BL using a platform like Arduino or ESP32, you would typically use an I2C library. ```cpp #include void setup() { Wire.begin(); // Join I2C bus Serial.begin(9600); } void loop() { Wire.beginTransmission(0x44); // Example I2C Address Wire.write(0x2C); // Command to measure Wire.write(0x06); Wire.endTransmission(); delay(50); // Wait for measurement // Logic to read and convert bytes to Temp/Humidity goes here... } ``` --- ### 5. Application Areas * **Smart Home:** Integrated into thermostats and air purifiers. * **Industrial:** Monitoring server rooms or chemical storage. * **Medical:** Incubators and laboratory environment controls.
    ✨ Follow-up Questions
    • ⤷ What is the exact I2C address for the M5TS-81-R/BL?
    • ⤷ How does the response time of this sensor compare to analog thermistors?
    • ⤷ Are there specific pull-up resistor requirements for the SDA/SCL lines?