M5TS-85-R/BN
AI

The **M5TS-85-R/BN** is a specific type of thermal switch or thermostat produced by **Uchiya**. It is primarily designed as a safety device to protect electronic circuits and appliances from overheating.
---
### 1. General Specifications
The part number can be broken down into its technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Series** | M5TS (Manual Reset Type) |
| **Temperature Setpoint** | 85°C |
| **Reset Type** | Manual (Requires physical intervention to restart) |
| **Terminal Type** | R/BN (Specific bracket and terminal configuration) |
| **Max Voltage/Current** | Typically 250V AC / 10A (Model dependent) |
---
### 2. Key Electronic Components & Functions
#### A. Bimetallic Disc
The heart of the M5TS is a **bimetallic disc**. This consists of two different metals bonded together. Because these metals expand at different rates when heated, the disc "snaps" at exactly 85°C, physically separating the electrical contacts.
#### B. Contact Mechanism (NC - Normally Closed)
Under normal operating temperatures, the circuit is closed, allowing current to flow to the heater or motor. When the 85°C threshold is reached, the snap-action mechanism opens the contacts to cut off power.
#### C. Manual Reset Button
Unlike "Auto-reset" models that turn back on once they cool down, the **M5TS** series features a manual reset. Once tripped, a human operator must physically press a button to re-close the circuit. This is a critical safety feature for devices where a fault (like a jammed motor) must be inspected before restarting.
---
### 3. Common Applications
This part is frequently found in industrial and consumer appliances where thermal runaway could cause fire or damage:
* **Office Equipment:** Laser printers and photocopiers (fuser assembly).
* **Heating Appliances:** Steam cleaners, water heaters, and coffee machines.
* **Industrial Power Supplies:** To prevent transformer overheating.
---
### 4. Technical Advantages
1. **Reliability:** The snap-action mechanism ensures a fast break of the circuit, minimizing electrical arcing.
2. **Accuracy:** Uchiya thermostats are known for tight temperature tolerances (typically ±3°C to ±5°C).
3. **Durability:** Designed for high-current loads without premature contact wear.
- ⤷
What is the difference between the M5TS manual reset and the UP series auto-reset?
- ⤷ Can this switch be used in DC circuits instead of AC?
- ⤷ What are the specific mounting dimensions for the R/BN bracket type?