M5VF-C6-R/Q
AI

The **M5VF-C6-R/Q** is a high-performance miniature directional valve, typically used in industrial automation, medical equipment, and precise pneumatic control systems.
Below is an explanation of its electronic and electromechanical characteristics.
### 1. General Specifications
The "M5VF" series represents a compact solenoid valve designed for manifold mounting.
| Feature | Specification |
| :--- | :--- |
| **Valve Type** | 5-Port, 2-Position (5/2 Way) |
| **Actuation** | Single Solenoid / Internal Pilot |
| **Port Size** | M5 x 0.8 |
| **Operating Voltage** | 24V DC (Standard for -R/Q variants) |
| **Power Consumption** | ~0.4W to 1.0W (Low power consumption) |
---
### 2. Electronic Component Breakdown
#### A. Solenoid Coil (Electromagnet)
The heart of the electronic operation is the solenoid coil. When current flows through the coil, it creates a magnetic field that pulls a plunger, shifting the valve's internal spool.
* **Voltage Tolerance:** Usually ±10% of the rated voltage.
* **Insulation Class:** Class B (or equivalent), ensuring the coil can withstand heat generated during continuous duty cycle.
#### B. Electrical Connection (R/Q Suffixes)
The suffixes **-R** and **-Q** in the model number typically refer to the specific wiring configuration and regional compliance:
* **-R (Connector Type):** Usually indicates a plug-in type connector (like a sub-miniature L-plug or M-plug) with a specific lead wire length.
* **-Q (Compliance/Protection):** Often indicates **CE marking** compliance or specific surge protection circuitry.
#### C. Surge Suppression
Most modern M5VF units include a **Metal Oxide Varistor (MOV)** or a **Diode** integrated into the circuit:
* **Function:** This prevents "Back EMF" (voltage spikes) from damaging the PLC (Programmable Logic Controller) outputs when the solenoid is de-energized.
#### D. LED Indicator
These models typically feature a small integrated **LED lamp**:
* **Status Monitoring:** It glows when the coil is energized, allowing technicians to verify electrical signal arrival without using a multimeter.
---
### 3. Circuit Representation
The electrical schematic for the solenoid interface is simple but critical for integration:
```mermaid
graph LR
A[+24V DC Source] --> B[Switch/PLC Output]
B --> C[LED Indicator]
B --> D[Solenoid Coil]
B --> E[Surge Suppressor]
C --> F[0V / GND]
D --> F
E --> F
```
---
### 4. Application Integration
Because of its low wattage (low current draw), the M5VF-C6 can be driven directly by:
1. **PLC Transistor Output cards** (No external relay required).
2. **Arduino/Raspberry Pi** (using a simple MOSFET or Darlington pair).
3. **Fieldbus systems** (IO-Link or EtherCAT manifolds).
---
- ⤷What is the maximum operating pressure for the M5VF series?
- ⤷ Can this valve be used with AC voltage instead of DC?
- ⤷ How do I wire the -R plug-in connector?