Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5VF-D5W-R

  • AI
    ## Analysis of the M5VF-D5W-R The **M5VF-D5W-R** is a specific part number typically associated with **Delta Electronics** cooling solutions, specifically high-performance DC axial fans often used in servers, industrial equipment, and power supplies. --- ### Technical Specifications Below are the typical electronic and mechanical characteristics for this series: | Parameter | Specification | |:---|:---| | **Type** | DC Axial Fan | | **Operating Voltage** | 5V DC | | **Voltage Range** | 4.5V to 5.5V | | **Bearing Type** | VAPO Bearing / MagLev (High Reliability) | | **Termination** | Wire Leads (usually 2 or 3 wires) | | **Frame Material** | Thermoplastic PBT (UL 94V-0) | | **Protection** | Polarity Protection & Auto-restart | --- ### Electronic Components & Control The internal PCB of the M5VF-D5W-R consists of several key electronic sections: #### 1. Brushless DC (BLDC) Motor Controller Since this is a DC fan, it utilizes an integrated circuit (IC) to handle the commutation of the motor. Unlike brushed motors, this uses **Hall Effect sensors** to detect the rotor position and switch the electromagnetic coils in the correct sequence. #### 2. Protection Circuitry * **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are swapped. * **Locked Rotor Protection:** If the fan blades are obstructed, the controller limits the current to prevent the coils from overheating and burning out. #### 3. Signal Output (Model Dependent) The "W" in the suffix often indicates specific wiring configurations. Depending on the exact sub-variant, it may include: * **Red/Black:** Standard Power. * **Yellow/White:** Tachometer (FG) signal, which provides a pulse output to the motherboard to monitor RPM. --- ### Key Applications Due to its 5V operating voltage and compact form factor, this part is commonly found in: 1. **Network Switches/Routers:** Providing localized cooling for ASICs. 2. **Embedded Systems:** Cooling for ARM-based boards or industrial PCs. 3. **Medical Equipment:** Quiet, reliable heat dissipation for portable diagnostics. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension (mm) of the M5VF-D5W-R?
    • ⤷ How does a VAPO bearing differ from a standard ball bearing in this model?
    • ⤷ What is the typical current draw (Amps) for this 5V fan?