M5VF2-44-R/Q
AI

Based on the part number **M5VF2-44-R/Q**, this component belongs to a specific category of **Voltage Controlled Crystal Oscillators (VCXO)** or specialized timing modules, typically associated with high-precision telecommunications and networking hardware.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The M5VF2 series consists of high-performance oscillators designed for applications requiring frequency stability and the ability to "pull" or adjust the frequency via an external control voltage.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Output Type** | LVDS / PECL (Differential signaling) |
| **Package Size** | 5.0 x 3.2 mm (Standard SMD) |
| **Operating Voltage** | 3.3V (Commonly) |
| **Frequency Range** | Usually between 50MHz and 800MHz |
---
## 2. Part Number Breakdown
The suffixing and prefixing follow a specific nomenclature used by manufacturers (often associated with brands like *Mercator* or *CTS*).
### M5VF2 - Series Identification
* **M5**: Refers to the physical package size (5.0 x 3.2 mm).
* **VF2**: Indicates the circuit architecture, likely a **Differential LVDS** output with high-frequency multiplication capabilities.
### 44 - Frequency/Spec Code
* **44**: Usually denotes a specific center frequency (e.g., 156.25 MHz or 622.08 MHz) or a specific stability grade ($\pm$50ppm or $\pm$25ppm).
### R/Q - Options and Packaging
* **R**: Typically stands for **RoHS Compliance** (Lead-free).
* **Q**: Usually indicates **Tape and Reel** packaging for automated SMT assembly.
---
## 3. Key Electronic Parameters
This part is engineered for "Phase-Locked Loop" (PLL) circuits. Its primary electronic functions include:
1. **Control Voltage (Vc):** An analog input pin allows the user to adjust the output frequency by a few parts per million (ppm). This is critical for synchronizing two different clock signals.
2. **Low Jitter:** Designed with "Phase Noise" in mind to prevent data errors in high-speed serial links (like 10G Ethernet or SONET).
3. **Differential Output:** Using LVDS/PECL reduces electromagnetic interference (EMI) and provides better noise immunity compared to standard CMOS outputs.
---
## 4. Typical Applications
* **Networking:** Switches and routers (10GbE, 40GbE).
* **Telecommunications:** Base stations and optical transport equipment.
* **Data Centers:** High-speed server backplanes.
* **Test & Measurement:** Precision signal generators.
---
- ⤷What is the exact center frequency for the '44' code in this series?
- ⤷ How does the control voltage range affect the frequency pullability?
- ⤷ What are the pinout definitions for a standard 5.0x3.2mm VCXO?