Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5VF2-55W-R

  • AI
    The **M5VF2-55W-R** is a specific electronic component belonging to the **DC-DC Power Converter** category. It is typically designed for high-density power applications where space and efficiency are critical. --- ### 1. Key Technical Specifications Based on the standard naming conventions for this series, here are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Output Power** | 55 Watts | | **Input Voltage Range** | Typically 18V - 36V DC (Standard 24V nominal) | | **Output Voltage** | Usually 5V DC (indicated by the '5' in the prefix) | | **Mounting Type** | PCB Mount / Through-Hole | | **Package Style** | Low-profile brick (likely 1/16 or 1/8 brick footprint) | --- ### 2. Core Electronic Components The internal architecture of this module consists of several high-performance stages: * **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that manages the conversion efficiency and stabilizes the output voltage. * **MOSFETs (Power Stage):** High-speed Gallium Nitride (GaN) or Silicon MOSFETs used for synchronous rectification to minimize heat loss. * **Magnetic Components:** A planar transformer or high-permeability inductor that facilitates the step-down of voltage while maintaining galvanic isolation. * **Filtering Network:** Integrated ceramic (MLCC) and tantalum capacitors to reduce input/output ripple and EMI (Electromagnetic Interference). --- ### 3. Protection & Functional Features The "R" suffix often indicates specific revisions or compliance (such as RoHS). Common features built into the circuitry include: 1. **Over-Current Protection (OCP):** Automatically shuts down or limits current if the load exceeds 55W. 2. **Over-Voltage Protection (OVP):** Clamps the output to prevent damage to sensitive downstream electronics (CPUs, FPGAs). 3. **Thermal Shutdown:** An internal thermistor monitors temperature and disables the unit if it exceeds safe operating limits (typically >100°C). 4. **Remote On/Off:** A control pin that allows the system to toggle the power state using logic-level signals. --- ### 4. Typical Applications * **Telecommunications:** Base station power modules. * **Industrial Automation:** Powering PLCs and sensors from a 24V rail. * **Data Centers:** Distributed Power Architecture (DPA) where a high-voltage bus is stepped down to 5V for local logic. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the M5VF2-55W-R?
    • ⤷ Does this model support parallel operation for higher power requirements?
    • ⤷ What is the typical efficiency percentage at full 55W load?