M5VF2-5W4W-R
AI

The **M5VF2-5W4W-R** is a specific part number belonging to a series of high-performance **DC-DC Converters** (specifically from the M5VF series, often associated with industrial power module manufacturers like Minmax or similar OEMs).
These components are designed to convert a source of direct current (DC) from one voltage level to another while providing electrical isolation.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Series** | M5VF Series |
| **Output Power** | 5 Watts |
| **Input Voltage Range** | 4.5V to 5.5V DC (Nominal 5V) |
| **Output Voltage** | Dual Output (±5V DC) |
| **Isolation Voltage** | 3000V DC (Reinforced) |
| **Package Type** | DIP (Dual In-line Package) |
| **Efficiency** | Up to 80-85% |
---
## Breakdown of Part Number Nomenclature
To understand the electronic characteristics, we can decode the typical naming convention for this class of module:
* **M5VF**: Series designation (High isolation, compact footprint).
* **2**: Often indicates the physical package size or a specific generation.
* **5**: Represents the nominal **Input Voltage** (5V).
* **W**: Wide Input range (though often 10% tolerance in fixed-input series).
* **4**: Version or revision code.
* **W**: Signifies **Dual Output** (Balanced positive and negative rails).
* **R**: Regulated output (Ensures stable voltage regardless of load changes).
---
## Key Electronic Features
### 1. Galvanic Isolation
This part provides **3000V DC isolation**. This is critical for protecting sensitive control circuitry from high-voltage transients on the power bus and for breaking ground loops in analog circuits.
### 2. Dual Output (+/- 5V)
The "W" designation implies a dual output rail. This is commonly used to power:
* Operational Amplifiers (Op-Amps).
* Analog-to-Digital Converters (ADCs).
* Symmetrical sensor interfaces.
### 3. Protection Circuitry
Internally, these modules typically include:
* **Short Circuit Protection (SCP):** Continuous, self-recovering.
* **Overload Protection:** Prevents damage during current spikes.
* **Input Filter:** Internal capacitors to reduce reflected ripple current.
---
## Common Applications
```mermaid
graph LR
A[5V Power Bus] --> B(M5VF2-5W4W-R)
B --> C[+5V Analog Rail]
B --> D[-5V Analog Rail]
C --> E[Precision Sensors]
D --> E
```
1. **Industrial Instrumentation:** Providing clean, isolated power to data acquisition systems.
2. **Medical Equipment:** Utilizing the high isolation rating for patient safety standards.
3. **Communication Systems:** Powering RS-485 or CAN bus transceivers to prevent noise interference.
- ⤷
What are the pinout configurations for the M5VF2-5W4W-R?
- ⤷ Can this module operate at a 12V input instead of 5V?
- ⤷ What is the operating temperature range for this specific power module?