Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5VS-03W-R

  • AI
    The **M5VS-03W-R** is a specific model within the **M5VS Series** of plug-in signal conditioners (isolators) manufactured by **M-System** (now MG CO., LTD). This device is primarily used in industrial automation to convert a DC input signal into a standard isolated DC output signal, providing electrical isolation between the input, output, and power supply. --- ## 1. Technical Specifications The model code `M5VS-03W-R` can be broken down into its specific functional components: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M5VS | Ultra-slim (narrow profile) signal conditioner. | | **Input Signal** | 0 | 0 – 5V DC | | **Output Signal** | 3 | 0 – 1V DC | | **Power Input** | W | 200 – 240V AC | | **Control Code** | R | High-speed response or specific variation code. | ### Key Electrical Parameters: * **Accuracy:** ±0.1% of span. * **Isolation:** 3-way isolation (Input to Output to Power). * **Isolation Resistance:** 100 MΩ or more with 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute. * **Response Time:** Approx. 25 ms (0 – 90%). --- ## 2. Main Electronic Components & Functionality The internal circuitry consists of several critical stages to ensure signal integrity and safety: ### A. Input Stage (Signal Conditioning) * **Voltage Divider/Buffer:** High-impedance op-amps are used to sense the 0–5V input without loading the source circuit. * **Filtering:** Low-pass filters remove electromagnetic interference (EMI) and high-frequency noise from the industrial environment. ### B. Isolation Barrier (The Core) * **Opto-couplers / Transformer Isolation:** This is the most important part. It uses either optical or magnetic coupling to transfer the signal across a physical gap. * **Purpose:** Prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges or "noise" on the field side. ### C. Output Stage (Conversion) * **Precision Scaling:** The isolated signal is re-scaled to the 0–1V range. * **Drive Circuitry:** Ensures the output signal remains stable regardless of the load resistance (within specified limits). ### D. Power Supply Unit (PSU) * **AC/DC Converter:** Since this model takes **200-240V AC**, it contains an internal switching power supply to generate the internal regulated DC rails (typically ±15V or 5V) required for the internal op-amps. --- ## 3. Physical & Terminal Layout The unit is designed for **DIN rail mounting** and uses a plug-in base for easy maintenance. | Terminal | Function | | :--- | :--- | | **1 & 2** | Output Signal (+ / -) | | **3 & 4** | Input Signal (+ / -) | | **5 & 6** | Power Supply (L / N) | --- ## 4. Typical Applications * **Ground Loop Elimination:** Used when the sensor ground and the PLC ground are at different potentials. * **Signal Matching:** Converting a 5V sensor signal to a 1V input required by specialized legacy controllers. * **Equipment Protection:** Acting as a "fuse" for signals; if a high voltage hits the input, the M5VS might fail, but the expensive PLC connected to the output remains safe.
    ✨ Follow-up Questions
    • ⤷ What are the load resistance limits for the 0-1V output on this model?
    • ⤷ Can the M5VS-03W-R be used with a 24V DC power supply instead of AC?
    • ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?