M5VS-401-R
AI

The **M5VS-401-R** is a specific model within the M5VS series of **Signal Conditioners** (Isolators) manufactured by **M-System** (now MG CO., LTD). These devices are used in industrial automation to convert, isolate, and transmit analog signals between field instruments and control systems like PLCs or DCS.
---
## 1. Technical Specifications
The model code `M5VS-401-R` is structured to define its specific electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Input Signal** | 4 to 20 mA DC | Standard industrial current loop input. |
| **Output Signal** | 0 to 10 V DC | Voltage output for controller interfaces. |
| **Power Input** | 24V DC | Requires a regulated DC power supply. |
| **Isolation** | 3-Way Isolation | Input, Output, and Power are all isolated from each other. |
| **Form Factor** | Ultra-slim (5.9 mm) | Designed for high-density DIN rail mounting. |
---
## 2. Key Electronic Components & Features
### A. Three-Way Isolation
This part uses internal opto-couplers or transformers to provide electrical isolation (usually up to 2000V AC). This is critical for:
* **Ground Loop Prevention:** Eliminating noise caused by potential differences between the field device and the control room.
* **System Protection:** Protecting expensive PLC cards from high-voltage surges in the field.
### B. Signal Conversion Circuitry
* **Input Stage:** A precision shunt resistor converts the 4-20mA current into a proportional voltage.
* **Amplification/Filtering:** Active filters remove electromagnetic interference (EMI) and radio frequency interference (RFI) to ensure signal integrity.
* **Output Stage:** A voltage driver circuit ensures the 0-10V signal remains stable even under varying load conditions.
### C. Mechanical & Connection Parts
* **Housing:** Flame-resistant resin (UL 94V-0).
* **Terminals:** Tension-clamp or screw terminals (depending on the specific sub-variant) for secure electrical contact.
* **Status LED:** A front-facing LED indicates the power status of the module.
---
## 3. Application Use Case
In a typical scenario, a sensor (like a pressure transmitter) sends a **4-20mA** signal over a long distance to reduce noise. However, the receiving PLC may only accept **0-10V** inputs. The **M5VS-401-R** acts as the electronic "bridge" that converts the signal while ensuring that any electrical fault at the sensor does not damage the PLC.
- ⤷
What is the maximum isolation voltage for the M5VS series?
- ⤷ Can the M5VS-401-R be used with an AC power supply?
- ⤷ How does the ultra-slim design affect heat dissipation in a control cabinet?