M5VS-5WD-R/F
AI

The **M5VS-5WD-R/F** is a high-performance, ultra-slim signal conditioner (transducer) manufactured by **M-System**. It is specifically designed to accept a DC voltage or current input and provide a standardized, isolated DC output.
---
## 1. Technical Specifications
Below are the primary electronic characteristics based on the model code breakdown:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | DC Voltage or Current (Standard range) |
| **Output Type** | DC Voltage or Current (Fixed range) |
| **Power Input** | 24V DC (Operating range: 24V ± 10%) |
| **Response Time** | Approx. 25 ms (0 – 90%) |
| **Isolation** | 3-Way (Input to Output to Power) |
| **Accuracy** | ±0.1% of span |
| **Mounting** | DIN Rail Mounting |
---
## 2. Model Code Breakdown
The suffix **5WD-R/F** identifies the specific configuration of the internal components and input/output parameters:
* **M5VS**: Base series (Ultra-slim Signal Conditioner).
* **5**: Output code (e.g., 4–20 mA DC or 1–5V DC depending on sub-configuration).
* **W**: Indicates Dual Output (providing two independent signals from one input).
* **D**: Input code (typically specifies a specific DC range like 0–10V or 4–20mA).
* **R**: Power Input (24V DC).
* **F**: Option code (often denotes specific environmental protections or fast response).
---
## 3. Key Internal Electronic Components
The device utilizes several critical electronic sub-systems to ensure signal integrity:
### A. Signal Isolation Circuit
* Uses an **Optical or Galvanic Isolator** to prevent ground loops and protect sensitive PLC/DCS inputs from high-voltage surges on the field side.
* **Dielectric Strength:** Typically rated for 2000V AC for 1 minute.
### B. Precision Operational Amplifiers
* Low-drift op-amps are used to ensure the linearity of the signal remains within the **±0.1%** accuracy threshold even during temperature fluctuations.
### C. Power Management
* Includes a **DC-DC Converter** to provide internal stable voltages for the circuitry while maintaining isolation from the 24V DC supply.
---
## 4. Connection Diagram (Simplified)
```text
[ FIELD SIDE ] [ M5VS MODULE ] [ CONTROL SIDE ]
Input (+) --------> [ A/D Conversion ] --------> Output 1 (+)
Input (-) --------> [ Isolation ] --------> Output 1 (-)
[ D/A Conversion ] --------> Output 2 (+)
24V DC (+) --------> [ Power Supply ] --------> Output 2 (-)
```
---
- ⤷
What are the specific wiring pin assignments for the M5VS-5WD-R/F?
- ⤷ Can this module be used for hazardous area applications (ATEX/IECEx)?
- ⤷ How do I calibrate the Zero and Span settings on this specific model?