M5VS-A2-R
AI

The **M5VS-A2-R** is a specific model of a **Signal Conditioner** (Slim-line type) manufactured by **M-System**. It is designed to take a DC input signal and isolate/convert it into a standardized DC output.
---
### 1. Technical Specifications
The model code "A2-R" breaks down into specific electronic characteristics:
| Part Component | Identification | Specification |
| :--- | :--- | :--- |
| **Input** | **A** | 4 – 20 mA DC |
| **Output** | **2** | 0 – 10 V DC |
| **Power Input** | **R** | 24 V DC |
| **Response Time** | Standard | ≤ 0.5 seconds (0 – 90%) |
| **Accuracy** | Tolerance | ±0.1% of span |
---
### 2. Key Electronic Features
* **Galvanic Isolation:** This device provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges on the field side.
* **Slim-Line Design:** It has a 5.9 mm wide housing, allowing for high-density mounting on a DIN rail, saving significant control panel space.
* **Active Powering:** Since it is a DC-powered unit (24V), it acts as an active converter, ensuring the output signal remains stable even if the input loop resistance changes.
* **Status Indicator:** Typically includes a front-facing LED to indicate power status.
---
### 3. Connection Diagram (General)
Below is a representation of the typical terminal layout for the M5-series signal conditioners:
```text
TERMINAL ASSIGNMENT
+-------+-------+
| (3) | (1) | <-- Input (4-20mA)
| (4) | (2) |
+-------+-------+
| (5) | (7) | <-- Output (0-10V)
| (6) | (8) | <-- Power (24V DC)
+-------+-------+
```
---
### 4. Comparison with Similar Models
| Model | Input | Output | Power |
| :--- | :--- | :--- | :--- |
| **M5VS-A2-R** | 4-20 mA | 0-10 V | 24V DC |
| **M5VS-AA-R** | 4-20 mA | 4-20 mA | 24V DC |
| **M5VS-V2-R** | 0-10 V | 0-10 V | 24V DC |
- ⤷
What is the maximum load resistance for the 0-10V output?
- ⤷ Does this model support mounting on a standard DIN rail?
- ⤷ What are the environmental temperature limits for this device?