M5VS-C2W-R
AI

The **M5VS-C2W-R** is a high-performance **Signal Conditioner** (specifically a Bridge Excitation / Strain Gauge Transmitter) manufactured by **M-System**. It is part of the M5-UNIT series, known for its ultra-slim design and high density.
---
## 1. Core Technical Specifications
The M5VS-C2W-R is designed to interface with strain gauge sensors (load cells) and convert their millivolt signals into standard industrial DC signals.
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Strain Gauge (Bridge) |
| **Output Type** | 4 – 20 mA DC (Source) |
| **Power Input** | 24V DC (±10%) |
| **Excitation Voltage** | 2V or 5V DC (Selectable) |
| **Response Time** | ≤ 25 ms (0 – 90%) |
| **Accuracy** | ±0.1% of span |
| **Form Factor** | 5.9 mm Ultra-slim housing |
---
## 2. Key Electronic Components & Design
The device is comprised of several critical electronic sub-systems to ensure precision and isolation.
### A. The Input Stage (Bridge Excitation)
* **Precision Voltage Reference:** The device provides a stable excitation voltage to the bridge sensor. Since load cell accuracy depends on the stability of the supply, this circuit is highly regulated.
* **Differential Amplifier:** It uses a high-impedance instrumentation amplifier to detect the minute change in voltage (mV) from the strain gauge.
### B. Signal Processing & Isolation
* **Isolation Barrier:** The "C" in the model number often refers to the isolation characteristics. It provides 2000V AC isolation between input, output, and power. This prevents ground loops and protects the PLC/DCS from surges.
* **Zero/Span Adjustments:** Located on the front panel, these allow for manual calibration of the electronic offset and gain.
### C. Output Driver
* **Current Loop Controller:** The **"W"** in the model suffix indicates the specific output range (4-20mA). It uses a constant-current source circuit to ensure the signal remains accurate even if the wire resistance changes over long distances.
---
## 3. Terminal Connection Diagram
The M5VS series uses a tension-clamp or screw terminal system depending on the specific base.
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **1** | Excitation (+) | Bridge Supply Positive |
| **2** | Excitation (-) | Bridge Supply Negative |
| **3** | Input (+) | Signal from Sensor |
| **4** | Input (-) | Signal from Sensor |
| **5** | Output (+) | 4-20mA Signal Output |
| **6** | Output (-) | Signal Return |
| **7** | Power (+) | +24V DC |
| **8** | Power (-) | 0V DC |
---
## 4. Model Number Breakdown
* **M5VS**: Series Name (Ultra-slim Signal Conditioner)
* **C2**: Input Type (Bridge/Strain Gauge)
* **W**: Output Type (4-20mA DC)
* **R**: Power Input (24V DC)
- ⤷
How do I calibrate the zero and span settings on the M5VS-C2W-R?
- ⤷ What is the maximum load resistance supported for the 4-20mA output?
- ⤷ Can this module be used with a 4-wire or 6-wire load cell?