Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5VS-C2W-R/F

  • AI
    ## M5VS-C2W-R/F: Signal Conditioner Technical Overview The **M5VS-C2W-R/F** is a high-performance, ultra-slim signal conditioner (isolator) manufactured by **M-System**. It is specifically designed to accept a voltage input and provide a standardized DC output while maintaining galvanic isolation between the input, output, and power supply. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | M5-UNIT Series (Ultra-slim design) | | **Input Type** | DC Voltage (Configurable) | | **Output Type** | DC Voltage/Current (Configurable) | | **Power Input (R)** | 24V DC | | **Response Time (F)** | Fast Response (approx. 25ms 0→90%) | | **Accuracy** | ±0.1% of span | | **Isolation** | 3-way (Input - Output - Power) | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### 2. Electronic Component Breakdown The device functions through several internal stages to ensure signal integrity and protection: #### A. Input Stage The input circuitry features a high-impedance buffer to prevent loading the source signal. It utilizes precision resistors for scaling the input voltage to a level manageable by the internal processing unit. #### B. Isolation Barrier (Galvanic Isolation) This is the core "Electronic Part" of the M5VS. It uses **Opto-couplers** or **Magnetic Transformers** to transmit the signal across a physical gap. * **Purpose:** Eliminates ground loops and protects sensitive PLC/DCS inputs from high-voltage surges or common-mode noise. #### C. Power Supply Section (Suffix /R) Designed for **24V DC** operation. It contains: * **DC-DC Converter:** Steps down/regulates internal voltage. * **Filtering:** Capacitors and inductors to reduce electromagnetic interference (EMI). #### D. Fast Response Logic (Suffix /F) The `/F` designation indicates a specialized filter circuit. Unlike standard isolators that may have high damping to smooth signals, the "Fast Response" version uses wide-bandwidth operational amplifiers to ensure the output tracks the input with minimal delay (≤ 25ms). --- ### 3. Terminal Connection Diagram Typical wiring for the M5VS-C2W-R/F follows this logic: ```markdown Terminal | Function | Description ---------|-----------------|------------------------- 1 | Output (+) | Positive DC Output 2 | Output (-) | Negative DC Output 3 | Power (+) | 24V DC Supply 4 | Power (-) | 0V DC Supply 5 | Input (+) | Positive Voltage Input 6 | Input (-) | Negative Voltage Input ``` --- ### 4. Physical Characteristics * **Housing Material:** Flame-resistant resin (Black). * **Mounting:** DIN Rail (35mm). * **Width:** 5.9 mm (Ultra-slim profile for high-density cabinet installation). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output ranges for the C2W code?
    • ⤷ How does the 'Fast Response' option affect signal noise compared to the standard model?
    • ⤷ Can this unit be used with a 110V AC power source using an adapter?